Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 84Page - NXP Semiconductors PCD6001 Datasheet HTML 85Page - NXP Semiconductors PCD6001 Datasheet HTML 86Page - NXP Semiconductors PCD6001 Datasheet HTML 87Page - NXP Semiconductors PCD6001 Datasheet HTML 88Page - NXP Semiconductors PCD6001 Datasheet HTML 89Page - NXP Semiconductors PCD6001 Datasheet HTML 90Page - NXP Semiconductors PCD6001 Datasheet HTML 91Page - NXP Semiconductors PCD6001 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
2001 Apr 17
88
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
19 PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.25
0.05
2.90
2.65
0.25
0.45
0.30
0.25
0.14
14.1
13.9
0.8
1.95
18.2
17.6
1.2
0.8
7
0
o
o
0.2
0.2
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.0
0.6
SOT318-2
MO-112
D(1)
(1)
(1)
20.1
19.9
HD
24.2
23.6
E
Z
1.0
0.6
D
bp
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
24
c
b p
E
H
A2
D
Z D
A
Z E
e
v M A
1
80
65
64
41
40
25
pin 1 index
X
y
D
H
v M B
w M
w M
97-08-01
99-12-27
0
5
10 mm
scale
QFP80: plastic quad flat package; 80 leads (lead length 1.95 mm); body 14 x 20 x 2.8 mm
SOT318-2
A
max.
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com