Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 69Page - NXP Semiconductors PCD6001 Datasheet HTML 70Page - NXP Semiconductors PCD6001 Datasheet HTML 71Page - NXP Semiconductors PCD6001 Datasheet HTML 72Page - NXP Semiconductors PCD6001 Datasheet HTML 73Page - NXP Semiconductors PCD6001 Datasheet HTML 74Page - NXP Semiconductors PCD6001 Datasheet HTML 75Page - NXP Semiconductors PCD6001 Datasheet HTML 76Page - NXP Semiconductors PCD6001 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
2001 Apr 17
73
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
16.2
External digital Interfaces
For control of peripherals like a display, ringer, key pad
and line interface a large number of general purpose
digital I/O pins are available in addition to the flash
memory, LCD control pins and MSK or IOM modem pins.
The exact number of free I/O pins depends on the choice
of peripherals that make up the system configuration. In
case all alternative port functions of P1 and P3 are used,
10 input lines remain available on P1 and P3 of which 7
are programmable for interrupts.
I/O ports P1 and P3 are ‘weak pull-up’ types which can
therefore be used either as inputs or outputs. The reset
value of P1 and P3 is FFH (input mode). In output mode
for driving with a logic 1 (weak pull-up) the external load of
P1 and P3 should be equivalent to >100 k
Ω, for ‘driving’
with a logic 0 the sink current should not exceed 4 mA.
In addition to P1 and P3 there are 16 output ports
available at P2 and MA. Output Ports P2 and MA are
push-pull ports and their reset value is 00H (output 00H).
The driving level of P2 and MA is 4 mA for either logic 0 or
logic 1. Port P4 provides the flash memory and display
control signals. The P1, P3 and P4 I/O lines are available
as SFR bit-addressable I/O registers in the configuration
shown in Fig.35, while P2 and MA are available as (not bit
addressable) XDATA mapped ports (for exact
configuration and detailed description see Chapter 12).
The MA and P2 ports are described in Chapter 12. The
configuration of Ports P1 and P3 are described in the
Tables 68 to 76.
MGM798
MA0
0
MA1
1
MA2
2
MA3
3
MA4
4
MA5
5
MA6
6
MA7
7
MA
P00
0
P01
1
P02
2
P03
3
P04
4
P05
5
P06
6
P07
7
P0
P1.0/EX2
0
P1.1/EX3
1
P1.2/EX4
2
P1.3/EX5
3
P1.4/EX6
4
P1.5
5
P1.6/SCL
6
P1.7/SDA
7
P1
P2.0
0
P2.1
1
P2.2
2
P2.3
3
P2.4
4
P2.5
5
P2.6
6
P2.7
7
P2
P3.0/MOUT0/DO
0
P3.1/MOUT1/DCK
1
P3.2/EX0N
2
P3.3/EX1N
3
P3.4/T0
4
P3.5/T1
5
P3.6/MOUT2/FSC
6
P3.7/MIN/DI
7
P3
P4.0/LE
0
P4.1/FSK
1
P4.2/FSO
2
P4.3
3
P4.4/FSI
4
P4.5/GPC
5
P4
Fig.35 DTAM general purpose digital I/O
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com