Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 72Page - NXP Semiconductors PCD6001 Datasheet HTML 73Page - NXP Semiconductors PCD6001 Datasheet HTML 74Page - NXP Semiconductors PCD6001 Datasheet HTML 75Page - NXP Semiconductors PCD6001 Datasheet HTML 76Page - NXP Semiconductors PCD6001 Datasheet HTML 77Page - NXP Semiconductors PCD6001 Datasheet HTML 78Page - NXP Semiconductors PCD6001 Datasheet HTML 79Page - NXP Semiconductors PCD6001 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
2001 Apr 17
76
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
17 ELECTRICAL CHARACTERISTICS
17.1
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134); note 1
Note
1. Parameters are valid over operating temperature range unless otherwise specified; all voltages are with respect to
VSS unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD3V
supply voltage 3.0 V (VDD3V2 and VDD3V3)
−0.5
+3.6
V
VDD2.5V
supply voltage 2.5 V (VDD3V1, VDDA, VDDPLL)
−0.5
+3.3
V
VI
input voltage on any pin with respect to ground (VSS)
−0.5
VDD + 0.5
V
II/O
maximum sink/source current for all input/output pins
−10
+10
mA
IVDD, IVSS
maximum DC current for each supply pin
−
150
mA
Ptot
total power dissipation
−
800
mW
VESD(HBM)
maximum ESD stress level applied; according to human body
model (100 pF; 1.5 k
Ω)
−
1500
V
VESD(MM)
maximum ESD stress level applied; according to machine model
(200 pF; 0.75
µH)
−
150
V
Tamb
operating ambient temperature
−25
+70
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com