Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 34Page - NXP Semiconductors PCD6001 Datasheet HTML 35Page - NXP Semiconductors PCD6001 Datasheet HTML 36Page - NXP Semiconductors PCD6001 Datasheet HTML 37Page - NXP Semiconductors PCD6001 Datasheet HTML 38Page - NXP Semiconductors PCD6001 Datasheet HTML 39Page - NXP Semiconductors PCD6001 Datasheet HTML 40Page - NXP Semiconductors PCD6001 Datasheet HTML 41Page - NXP Semiconductors PCD6001 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
2001 Apr 17
38
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
10.11.1 SERIAL CONTROL REGISTER (S1CON)
Two bits are affected by the I2C-bus hardware, the SI bit is set to logic 1 when a serial interrupt is requested, and the
STO bit is set to logic 0 (cleared) when a STOP condition is present on the I2C-bus. The STO bit is also cleared when
ENS1 = 0. When the I2C-bus block is in the Master mode the serial clock frequency is determined by the clock rate bits
CR[2:0].
Table 33 Serial Control Register (SFR address D8H)
Table 34 Description of S1CON bits
76543210
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
BIT
SYMBOL
DESCRIPTION
7
CR2
Clock rate. This bit along with bits CR1 and CR0 determines the serial clock frequency
when I2C-bus is in Master mode, see Table 35.
6
ENS1
When this bit is set to logic 0 the I2C-bus is disabled, outputs SDA and SCL are in the
high-impedance state, and P1.6 and P1.7 function as open-drain ports. With this bit set
to logic 1 the I2C-bus is enabled. The P1.6 and P1.7 port latch must be set to logic 1.
5STA
Start flag. When the STA bit is set to logic 1 in Slave mode, the I2C-bus hardware
checks the status of the I2C-bus and generates a START condition if the bus is free. If
STA is set to logic 1 while the I2C-bus is in Master mode, the I2C-bus transmits a
repeated START condition.
4STO
Stop flag. With this bit set to logic 1 while in Master mode a STOP condition is
generated. When a STOP condition is detected on the bus, the I2C-bus hardware clears
the STO flag. In the Slave mode, the STO flag may also be set to logic 1 to recover from
an error condition. In this case no STOP condition is transmitted to the I2C-bus.
However, the I2C-bus hardware behaves as if a STOP condition has been received and
releases SDA and SCL. The I2C-bus then switches to the ‘not addressed’ receiver
mode. The STO flag is automatically cleared by hardware.
3SI
I2C-bus interrupt flag. When this flag is set to logic 1, an acknowledge is returned (i.e.
an interrupt is generated) after any one of the following conditions:
• A start condition is generated in Master mode
• Own slave address received during AA = 1
• General call address received while S1ADR[0] = 1and AA = 1
• Data byte received or transmitted in Master mode (even if arbitration is lost)
• Data byte received or transmitted as selected slave
• Stop or start condition received as selected slave receiver or transmitter.
2AA
Assert Acknowledge. When set to logic 1 an acknowledge will be returned during the
acknowledge clock pulse on SCL when:
• Own slave address is received
• General call address is received while S1ADR[0] = 1
• Data byte is received while device is a selected slave.
With AA = 0 no acknowledge will be returned. Consequently, no interrupt is requested
when the ‘own slave address’ or general call address is received.
1
CR1
Clock rate. These 2 bits along with the CR2 bit determine the serial clock frequency
when I2C-bus is in Master mode, see Table 35.
0
CR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com