Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD6001 Datasheet HTML 1Page - NXP Semiconductors PCD6001 Datasheet HTML 2Page - NXP Semiconductors PCD6001 Datasheet HTML 3Page - NXP Semiconductors PCD6001 Datasheet HTML 4Page - NXP Semiconductors PCD6001 Datasheet HTML 5Page - NXP Semiconductors PCD6001 Datasheet HTML 6Page - NXP Semiconductors PCD6001 Datasheet HTML 7Page - NXP Semiconductors PCD6001 Datasheet HTML 8Page - NXP Semiconductors PCD6001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
2001 Apr 17
3
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
1
FEATURES
• Excellent speech quality at average:
2.6, 3.2 or 5.2 kbits/s compression rate
• Excellent background noise suppression for speech
quality improvement
• Speech compression rate selection: 2.6, 3.2 or
5.2 kbits/s
• Speech decompression rate selection: 2.6, 3.2 or
5.2 kbits/s
• Variable playback speed: 50%, 100% and 200% of real
time
• Voice prompt playback
• Philips International Language Library (PILL) support
tools available; coding at 2.6, 3.2 or 5.2 kbits/s
• Voice operated start message recording (VOX)
• Call progress detection by busy tone detection and
programmable silence detection
• Recording time of minimum 20 minutes in 4-Mbit flash
memory (at 3.2 kbits/s)
• Excellent true full-duplex handsfree performance
provided by Philips ‘phlux’ algorithm
• On-hook caller ID detection according to Bell 202 and
V.23 standards, as well as DTMF caller ID support
• Caller Alerting Signal (CAS) - caller ID level 2
• Dual tone generation for DTMF, melody tones and
information tones
• Optional dial tone detection, and optional ringing
detection using hardware Caller Identification (CID)
interface
• DTMF detection (for remote control function) with local
echo canceller for high reliability
• Digital volume control
• Mixed digital/analog adaptive limit and/or level control of
audio input signals
• Programmable analog CODEC gain for easy interfacing
• Internal 80C51 microcontroller can operate as system
controller; with selectable operating frequencies
between 1 and 21 MHz
• Internal 80C51 microcontroller emergency operation
down to 2.2 V eliminates the need for external diallers in
telephone answering machine applications
• Standard 80C51 development tools allow fast design of
Man-Machine-Interface (MMI) features
• On-board Minimum Shift Keying (MSK) modem for
CT0/CT1 applications
• Two integrated differential bit stream Analog-to-Digital
Converters (ADCs) for high quality audio input
• Two integrated differential bitstream Digital-to-Analog
Converters (DACs) for high quality audio output
• Software selectable auxiliary CODEC input channel
• Up to 38 general purpose digital I/O lines (most of them
bidirectional) including I2C-bus, available for connection
to keyboard, display, line interface, etc.
• On-chip 2-channel time multiplexed 8-bit general
purpose ADC for e.g. parallel set detection and battery
voltage measurement
• On-chip 8-bit general purpose DAC for e.g. speaker
amplifier volume control
• Day and time stamp possibility using built-in Real-Time
Clock
• Flexible speech memory interface for connection of
several types of speech flash memory (serial, CAD or
parallel) and DRAM
• I2C master/slave bus for peripheral control or I2C-bus
speech memory access
• Extensive power management support for battery and
emergency operation, also allowing portable (voice
memo) applications
• Digital IOM A/u-law interface for Slave or Master mode
operation at various bit rates
• Emergency operation from telephone line power only;
microprocessor and DTMF generator continue to
operate in this mode
• On-chip software switchable supply voltage for electret
microphone
• Single low supply voltage (2.2 to 2.8 V)
• Built-in single low-frequency, low-power, crystal or
ceramic resonator oscillator and on-chip PLL to reduce
EMI
• Stand-alone operation with low cost PAL, NTSC and
DTMF crystals
• API providing flash memory management functions
such as speech, telephone or CID data storage
• Pin and software compatible with the PCD6002
OTP-device (see Application note for restrictions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com