Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 79Page - NXP Semiconductors PCD6001 Datasheet HTML 80Page - NXP Semiconductors PCD6001 Datasheet HTML 81Page - NXP Semiconductors PCD6001 Datasheet HTML 82Page - NXP Semiconductors PCD6001 Datasheet HTML 83Page - NXP Semiconductors PCD6001 Datasheet HTML 84Page - NXP Semiconductors PCD6001 Datasheet HTML 85Page - NXP Semiconductors PCD6001 Datasheet HTML 86Page - NXP Semiconductors PCD6001 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
2001 Apr 17
83
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
28. The digital-to-analog path gain for CODEC1 and CODEC2 is set to 0 dB (CDVC1/2 = 8xH). The DSP is in Idle mode.
The value is differentially measured and psophometrically weighted.
29. The digital-to-analog path gain in control register CDVC1/2 = 8xH is set to 0 dB for CODEC1 and CODEC2, when a
bit stream representing a sinewave of 970 Hz with a level of 0 dBm0 is applied at the PCM interface (DSP output).
The value includes harmonic distortion and is psophometrically weighted. The load between SPKRM and SPKRP or
LIFMOUT and LIFPOUT is 100 pF in parallel to 150
Ω and 800 mH.
30. The digital-to-analog path gain in control register CDVC1/2 = 8xH is set to 0 dB for CODEC1 and CODEC2, when a
bit stream representing a sinewave of 970 Hz with a level of
−40 dBm0 is applied at the PCM interface (DSP output).
The value includes harmonic distortion and is psophometrically weighted. The load between SPKRM and SPKRP or
LIFMOUT and LIFPOUT is 100 pF in parallel to 150
Ω and 800 mH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com