Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 2Page - NXP Semiconductors PCF5001 Datasheet HTML 3Page - NXP Semiconductors PCF5001 Datasheet HTML 4Page - NXP Semiconductors PCF5001 Datasheet HTML 5Page - NXP Semiconductors PCF5001 Datasheet HTML 6Page - NXP Semiconductors PCF5001 Datasheet HTML 7Page - NXP Semiconductors PCF5001 Datasheet HTML 8Page - NXP Semiconductors PCF5001 Datasheet HTML 9Page - NXP Semiconductors PCF5001 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
1997 Mar 04
6
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
6
PINNING
SYMBOL
PIN
DESCRIPTION
PCF5001T
(SOT136-1)
PCF5001H
(SOT358-1)
Vref
1
13
Microcontroller interface reference voltage input/output. The LOW level of
pins FL, DS, DO, OR, BL, AI, ON, SK, SR and IE is related to the voltage
on Vref. May be driven from an external negative voltage source or must
be connected to VSS, if pins CN and CP are left open-circuit. When the
on-chip voltage converter is used, this pin provides a doubled negative
output voltage.
CN
2
14
Voltage converter external shunt capacitance, negative side. Connect the
negative side of the shunt capacitor to this pin, if the on-chip voltage
converter function is used.
CP
3
15
Voltage converter external shunt capacitor, positive side. Connect the
positive side of the shunt capacitor to this pin, if the on-chip voltage
converter function is used.
VDD
4
16
Main positive power supply. This pin is common to all supply voltages and
is referred to as 0 V (common).
DI
5
17
Serial data input (POCSAG code). The serial data signal train applied to
this pin is processed by the decoder. Pulled LOW by an on-chip pull-down
when the receiver is disabled (RE = LOW).
BS
6
18
Battery-low indication input. The decoder samples this input during
synchronization scan, when it is in ON or SILENT status and the receiver
is enabled (RE = HIGH). A battery-low condition is assumed, if the
decoder detects four consecutive samples HIGH. An audible battery-low
indication is made by the decoder, when operating in ON status. Normally
LOW by the operation of an on-chip pull-down.
PD
7
19
EEPROM programming data input and output. Normally HIGH by the
operation of an on-chip pull-up. During programming of the on-chip
EEPROM, PD is a bidirectional data and control signal.
PS
8
22
EEPROM programming strobe input. Normally LOW by the operation of
an on-chip pull-down. During programming of the on-chip EEPROM, PS is
a unidirectional control input.
X1
9
23
Crystal oscillator input. Connect a 32768 Hz or 76800 Hz crystal and a
biasing resistor between this pin and X2. In addition, provide a load
capacitance to VDD, which may also be used for frequency tuning.
X2
10
24
Crystal oscillator output. Return connection for the external crystal and
resistor at X1.
TS
11
25
Scan test mode enable input. Always LOW by operation of an on-chip
pull-down.
AH
12
26
Alert HIGH-level output. This output can directly drive an external bipolar
transistor to control HIGH-level alerting in conjunction with AL, by means
of an alerter or beeper.
OL
13
27
LED indication output. This output can directly drive an external bipolar
transistor to control the visual alert function by means of an LED. It may
also be used for visual indication of received call data during call
reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com