| Electronic Components Datasheet Search |
|
PCF5001 Datasheet(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5001 Datasheet(HTML) 17 Page - NXP Semiconductors |
|
17 / 44 page ![]() 1997 Mar 04 17 Philips Semiconductors Product specification POCSAG Paging Decoder PCF5001 The LED output can be made to provide message data by programming SPF17. Alert signals are inhibited during message data transfer. 7.10 Vibrator output The PCF5001 provides the OM output for activating a vibrator-type alerter for call alert indication. The vibrator output is enabled by programming of SPF11. Calls received while operating in SILENT status cause activation of the vibrator output for the normal call alert cadence or until terminated by operation of the status request and reset input (SR). SILENT override calls, calls received in decoder ON status and repeated call alerts are alerted normally by the AL and AH outputs. 7.11 Start-up alert To indicate the establishment of operational condition whenever the decoder status has been changed from OFF to ON or SILENT status, the PCF5001 provides a start-up alert indication. Switching from OFF to ON status causes generation of a start-up alert cadence at LOW-level and on the LED output OL (see Fig.13). Fig.11 Repeat alert cadence. MCD462 AL AH OL t RCR t RPT Fig.12 Out-of-range indication. MCD463 tt ORA ORD When changing from OFF to SILENT status, the start-up alert will be indicated on the LED output and the vibrator output OM. 7.12 Serial communication interface To transmit any call message data received to an external microcontroller for post-processing, a serial communication interface has been provided by a serial data output signal DO and a data strobe signal DS as shown in Fig.14. Upon interrogation the PCF5001 is also able to transfer EEPROM contents via the serial communication interface, see Section 7.21. 7.13 Message data transfer The transfer of message data via DO and DS is organized in 8-bit words providing additional start and stop conditions as shown in Fig.15. On reception of a valid call address the PCF5001 generates a start condition and outputs an address word as shown in Fig.15a. The address word indicates call address, function bit setting and decoder flags as shown in Table 4. Message codewords received and concatenated to a valid call address are transferred after completion of the address word. The message bits received in the message codewords are split into blocks and are converted to obtain the message words. The message words comprise an error flag to indicate message words, which are derived from uncorrectable message codewords as shown in Table 5. Message data is output at a rate of 2048 bits/s with a minimum delay of 2 bits between consecutive message words. Fig.13 Start-up alert. MCD464 AL OL OM t SUA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |