Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 5Page - NXP Semiconductors PCF5001 Datasheet HTML 6Page - NXP Semiconductors PCF5001 Datasheet HTML 7Page - NXP Semiconductors PCF5001 Datasheet HTML 8Page - NXP Semiconductors PCF5001 Datasheet HTML 9Page - NXP Semiconductors PCF5001 Datasheet HTML 10Page - NXP Semiconductors PCF5001 Datasheet HTML 11Page - NXP Semiconductors PCF5001 Datasheet HTML 12Page - NXP Semiconductors PCF5001 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
1997 Mar 04
9
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
Fig.3 Pin configuration PCF5001T (SOT136-1).
handbook, halfpage
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
MCD455 - 1
DS
DO
OR
BL
AI
ON
SR
SK
IE
TT
OM
AL
FL
PCF5001T
CN
CP
DI
BS
PD
PS
X1
X2
TS
AH
OL
RE
Vref
VDD
VSS
Fig.4 Pin configuration PCF5001H (SOT358-1).
handbook, halfpage
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
index
corner
IE
n.c.
SK
SR
ON
AI
n.c.
BL
DI
BS
PD
n.c.
n.c.
PS
X1
X2
PCF5001H
MLB048
7
FUNCTIONAL DESCRIPTION
The PCF5001 is a very low power Decoder and Pager
Controller specifically designed for use in new generation
radio pagers. The architecture of the PCF5001 allows for
flexible application in a wide variety of radio pager designs.
The PCF5001 is fully compatible with
“CCIR radio paging
Code Number 1” (also known as the POCSAG code)
operating at the originally specified 512 bits/s data rate,
and also at the newly specified 1200 bits/s data rate
(2400 bits/s operation is also possible). The PCF5001 also
offers features which extend the basic flexibility and
efficiency of this code standard.
7.1
The PCF5001 supports two basic modes of
operation
In alert-only pager mode only a minimum number of
external components are required to build a complete
tone-only pager. Selection of operating states ON, OFF or
SILENT is achieved using a slider switch interface.
In display pager mode the state input logic is switched to
a bus interface structure. Received calls and messages
are transferred to an external microcontroller via the serial
microcontroller interface. A built-in voltage converter with
increased drive capabilities can supply doubled supply
voltage output, and appropriate logic level shifting on
microcontroller interface signals is provided.
Upon reception of valid calls one of eight different call
cadences is generated; upon status interrogation status
indication tones make the current status of the decoder
available to the user.
On-chip non-volatile 114-bit EEPROM storage is provided
to hold up to four user addresses, two frame numbers and
the programmed decoder configuration.
Synchronization to the input data stream is achieved using
the improved ACCESS® algorithm, which allows for data
synchronization and re-synchronization without preamble
detection while minimizing battery power consumption by
receiver power control. One of four error correction
algorithms is applied to the received data to optimize the
call success rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com