Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 18Page - NXP Semiconductors PCF5001 Datasheet HTML 19Page - NXP Semiconductors PCF5001 Datasheet HTML 20Page - NXP Semiconductors PCF5001 Datasheet HTML 21Page - NXP Semiconductors PCF5001 Datasheet HTML 22Page - NXP Semiconductors PCF5001 Datasheet HTML 23Page - NXP Semiconductors PCF5001 Datasheet HTML 24Page - NXP Semiconductors PCF5001 Datasheet HTML 25Page - NXP Semiconductors PCF5001 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
1997 Mar 04
22
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
Table 8
Numeric format to ASCII conversion
4-BIT BLOCK
CHARACTER
7-BIT BLOCK
LSB
MSB
LSB
MSB
0000
‘0’
0000110
1000
‘1’
1000110
0100
‘2’
0100110
1100
‘3’
1100110
0010
‘4’
0010110
1010
‘5’
1010110
0110
‘6’
0110110
1110
‘7’
1110110
0001
‘8’
0001110
1001
‘9’
1001110
0101
‘*’
0101010
1101
‘U’
1010101
0011
‘ ’
0000010
1011
‘
−’
1
011010
0111
‘]’
1011101
1111
‘[’
1101100
7.17
Memory Organization
The PCF5001 POCSAG decoder contains non-volatile
EEPROM memory to store four user addresses, two frame
numbers and specially programmed function bits (SPF01
to SPF32) for decoder application configuration.
The EEPROM is organized as three arrays of 38 bits each
as shown in Fig.17.
A user address (or RIC) in POCSAG code comprises of
21 bits, but the three least significant bits are coded in the
frame number and therefore not explicitly transmitted. In
the PCF5001, addresses A/B and C/D must share the
same frame number: addresses A and B reside in frame
FR1 (FR10, FR11 and FR12), addresses C and D reside
in frame FR2 (FR20, FR21 and FR22). Figure 18 shows an
example of decimal address to EEPROM content
conversion. Each address must be explicitly enabled by
resetting of the associated enable bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com