Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 25Page - NXP Semiconductors PCF5001 Datasheet HTML 26Page - NXP Semiconductors PCF5001 Datasheet HTML 27Page - NXP Semiconductors PCF5001 Datasheet HTML 28Page - NXP Semiconductors PCF5001 Datasheet HTML 29Page - NXP Semiconductors PCF5001 Datasheet HTML 30Page - NXP Semiconductors PCF5001 Datasheet HTML 31Page - NXP Semiconductors PCF5001 Datasheet HTML 32Page - NXP Semiconductors PCF5001 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
1997 Mar 04
29
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. VDD is connected to the substrate (see Fig.1), and is referred to as common, 0 V.
9
DC CHARACTERISTICS
VDD =0V; VSS = −2.7 V; Vref = 2.7 V; Tamb =25 °C; unless otherwise specified.
Quartz crystal parameters: f = 76800 Hz; RS(max) =40kΩ; CL =12pF.
Decoder Mode programmed as Alert-only (SPF01 = 0).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VSS
supply voltage
note 1
+0.5
−8.0
V
VPG
programming supply voltage
−5.5
−
V
Vn
voltage on pins FL, DS, DO, OR, BL,
AI, ON, SK, SR and IE
+0.8
Vref − 0.8
V
Vn1
input voltage on any other pin
+0.8
VSS − 0.8
V
Ptot
total power dissipation
−
250
mW
PO
power dissipation per output
−
100
mW
II(max)
maximum input current (any input)
−
10
mA
IO(max)
maximum output current
any output except AL
−
20
mA
output AL
−
70
mA
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−55
+125
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VSS
supply voltage
voltage converter disabled;
all outputs open-circuit
Tamb = −10 to +85 °C
−1.5
−2.7
−6.0
V
Tamb = −40 to +85 °C
−1.8
−2.7
−6.0
V
ISS
supply current
note 1
−−60
−100
µA
VPG
programming supply voltage
note 2
−4.5
−5.0
−5.5
V
IPG
programming supply current
−−500
−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com