Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 21Page - NXP Semiconductors PCF5001 Datasheet HTML 22Page - NXP Semiconductors PCF5001 Datasheet HTML 23Page - NXP Semiconductors PCF5001 Datasheet HTML 24Page - NXP Semiconductors PCF5001 Datasheet HTML 25Page - NXP Semiconductors PCF5001 Datasheet HTML 26Page - NXP Semiconductors PCF5001 Datasheet HTML 27Page - NXP Semiconductors PCF5001 Datasheet HTML 28Page - NXP Semiconductors PCF5001 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
1997 Mar 04
25
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
Note
1. Call termination on:
a) First codeword immediately following address codeword uncorrectable.
b) Two consecutive codewords uncorrectable.
SPF06, SPF07
Duplicate call suppression time-out and out-of-range hold-off time-out.
00
30 s.
01
60 s.
10
120 s.
11
240 s.
SPF08
0
Voltage converter disabled, if SPF01 = 1 (‘display pager’ mode).
1
Voltage converter enabled, if SPF01 = 1 (‘display pager’ mode).
SPF09
0
SILENT override on address C disabled.
1
SILENT override on address C enabled.
SPF10
0
SILENT override on address D disabled.
1
SILENT override on address D enabled.
SPF11
0
Vibrator output disabled.
1
Vibrator output enabled.
SPF12
0
Call termination criteria combination method (note 1).
1
Call termination criteria defined by SPF13.
SPF13
0
Numeric data deformatting, call termination on first uncorrectable codeword.
1
Numeric data deformatting on function code 00 only, call termination on two
uncorrectable codewords.
SPF14
0
Duplicate call suppression disabled.
1
Duplicate call suppression enabled.
SPF15
0
Out of range indication at OL output disabled, hold-off period is zero regardless
of SPF06 and SPF07 setting.
1
Out of range indication at OL output enabled, hold-off period is according to
SPF06 and SPF07 setting.
SPF16
0
Repeat alert disabled.
1
Repeat alert enabled.
SPF17
0
Call data output on OL disabled.
1
Call data output on OL enabled.
SPF18
−
Spare.
SPF19
−
Program always 0.
SPF20 to SPF30
−
Spares.
SPF31
0
Alerter frequency 2048 Hz.
1
Alerter frequency 2731 Hz.
SPF32
0
Frequency reference output 16384 Hz if SPF01 = 1 (‘display pager’ mode).
1
Frequency reference output 32768 Hz if SPF01 = 1 (‘display pager’ mode).
SPF
BIT
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com