Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 20Page - NXP Semiconductors PCF5001 Datasheet HTML 21Page - NXP Semiconductors PCF5001 Datasheet HTML 22Page - NXP Semiconductors PCF5001 Datasheet HTML 23Page - NXP Semiconductors PCF5001 Datasheet HTML 24Page - NXP Semiconductors PCF5001 Datasheet HTML 25Page - NXP Semiconductors PCF5001 Datasheet HTML 26Page - NXP Semiconductors PCF5001 Datasheet HTML 27Page - NXP Semiconductors PCF5001 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
1997 Mar 04
24
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
7.18
Description of the Special Programmed Function (SPF) bits
The following features can be selected by appropriate programming of the special programmed function bits as shown
in Table 9.
Table 9
Special Programmed Function (SPF) bits
SPF
BIT
FUNCTION
SPF01
0
Alert-only pager mode.
1
Display pager mode.
SPF02
0
512 bits/s data rate.
1
1200 bits/s data rate, possible with 76.8 kHz crystal only.
SPF03
0
32768 Hz crystal configuration.
1
76800 Hz crystal configuration.
SPF04, SPF05
Receiver establishment time (depending on data rate).
00
7.8 ms/512 bits/s; 53.3 ms/1200 bits/s.
01
15.6 ms/512 bits/s; 6.7 ms/1200 bits/s.
10
31.3 ms/512 bits/s; 13.3 ms/1200 bits/s.
11
62.5 ms/512 bits/s; 26.7 ms/1200 bits/s.
Fig.18 Decimal address to memory contents conversion example.
A00 is the MSB of RIC A, FR10 is the MSB of Frame 1.
MCD470
0000000
1100001011
0
EEPROM Allocation
binary equivalent (18 + 3 bit available)
000000011000010110100
address decimal value
(example: RIC A)
RIC A = 1 2 4 6 8
A00
A01
A02
A03
A04
A05
A06
A07
A08
A09
A10
A11
A12
A13
A14
A15
A16
A17
10
0
FR10 FR11 FR12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com