Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 26Page - NXP Semiconductors PCF5001 Datasheet HTML 27Page - NXP Semiconductors PCF5001 Datasheet HTML 28Page - NXP Semiconductors PCF5001 Datasheet HTML 29Page - NXP Semiconductors PCF5001 Datasheet HTML 30Page - NXP Semiconductors PCF5001 Datasheet HTML 31Page - NXP Semiconductors PCF5001 Datasheet HTML 32Page - NXP Semiconductors PCF5001 Datasheet HTML 33Page - NXP Semiconductors PCF5001 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
1997 Mar 04
30
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
Notes
1. All inputs = VSS; voltage converter off; all outputs open-circuit.
2. See Section 7.19 and Chapter 8 for limitations of Vref when programming while the voltage converter is enabled.
Inputs
VIL1
LOW level input voltage
PD, PS, DI, BS, TS, TT and X1
0.7VSS
−−
V
VIL2
LOW level input voltage AI, ON,
SR, SK and IE
0.7Vref
−−
V
VIH1
HIGH level input voltage
PD, PS, DI, BS, TS, TT and X1
−−
0.3VSS
V
VIH2
HIGH level input voltage
AI, ON, SR, SK and IE
−−
0.3Vref
V
II
input current
BS, PS, TS and TT
VI =VDD
7.0
−
20.0
µA
PD
VI =VSS
−9.0
−−24.0
µA
DI
VI =VDD; RE = 0
7.0
−
20.0
µA
DI
VI =VDD; RE = 1
0
−
0.5
µA
ON and SK
VI =VSS
−0.5
−0.8
−1.1
µA
AI and SR
VI =VDD
7.0
−
20.0
µA
Ci
input capacitance BS, DI, PD,
PS, TS, TT, AI, ON, SR, SK, IE
and X1
2
−−
pF
Outputs
IOL
LOW level output current
OL, OM and AH
VOL = −1.35 V
100
−−µA
DO, DS, BL, FL and OR
VOL = −1.35 V
100
−−µA
AL
VOL = −1.5 V
17.5
−−
mA
RE
VOL = 2.2 V
200
−−µA
IOH
HIGH level output current
OL, OM and AH
VOH = −1.35 V
−0.8
−−1.8
mA
DO, DS, BL, FL and OR
VOH = −1.35 V
−100
−−µA
AL
AL high-impedance
−−−0.2
µA
RE
VOH = −0.5 V
−1.0
−−
mA
Oscillator
CXO
output capacitance X2
−
40
−
pF
gm
oscillator transconductance
VSS = −1.5 V
15
29
43
µS
VSS = −6.0 V
25
39
55
µS
VPU
power-up reset threshold
voltage
−−1.2
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com