Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 28Page - NXP Semiconductors PCF5001 Datasheet HTML 29Page - NXP Semiconductors PCF5001 Datasheet HTML 30Page - NXP Semiconductors PCF5001 Datasheet HTML 31Page - NXP Semiconductors PCF5001 Datasheet HTML 32Page - NXP Semiconductors PCF5001 Datasheet HTML 33Page - NXP Semiconductors PCF5001 Datasheet HTML 34Page - NXP Semiconductors PCF5001 Datasheet HTML 35Page - NXP Semiconductors PCF5001 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
1997 Mar 04
32
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
Call alert duration
tALT
time-out period
−
16
−
s
tALL
alert time LOW (AL output only)
−
4
−
s
tALH
alert time HIGH (AH and AL outputs)
−
12
−
s
tALC
call alert cycle time
see Fig.9
−
1
−
s
tALP
call alert pulse duration
see Fig.9
−
125
−
ms
tALD
call alert hold off period
see Fig.8
52
−−
ms
tRPT
repeat alert duration
see Fig.11
−−
4s
tRCR
repeat alert recurrence time
see Fig.11
−−
15
s
tRCP
repeat alert cycle time
−−
500
ms
tRPD
repeat alert pulse duration
−−
250
ms
tSTON
status alert time
see Fig.10
−−
62.5
ms
tSTOF
status alert delay
see Fig.10
−−
62.5
ms
tSUA
start-up alert time
SPF02 = 0; see Fig.13
−−
500
ms
SPF02 = 1; see Fig.13
−−
453
ms
tORA
out-of-range alert pulse width
see Fig.12
−−
62.5
ms
tORD
out-of-range alert time
see Fig.12
−−
2s
tBLAL
battery LOW-level alert time
−−
16
s
Receiver control
tRXT
RE transition time
CL =5pF
−−
100
ns
tRXON
RE establishment time
SPF04 = 0; SPF05 = 1
−
7.8
62.5
ms
Data output
fDO
data output rate
−
2048
−
bits/s
tDSD
strobe period call data
see Fig.15
480
−
495
µs
tDSE
strobe period EEPROM data
see Fig.20
200
488
1150
µs
tDSW
data strobe pulse width
see Fig.15
230
−
250
µs
tTDO
data output transition time
CL = 10 pF; see Fig.15
−−
100
ns
tDOS
data output set-up time
see Fig.15
−−
135
µs
tDOH
data output hold time
see Fig.15
115
−−µs
tBYD
consecutive byte delay
1210
−
1225
µs
tCWD
inter-codeword delay
1200 bits/s numeric message
3420
−−µs
tST
start condition set-up time
see Fig.15
4750
−−µs
tSP
stop condition set-up time
see Fig.15
595
−
615
µs
tSTL
start bit period OL output
480
−
495
µs
tSPL
stop bit period OL output
480
488
495
µs
tSDD
SPF output delay
see Fig.20
1
−
10
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com