Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 27Page - NXP Semiconductors PCF5001 Datasheet HTML 28Page - NXP Semiconductors PCF5001 Datasheet HTML 29Page - NXP Semiconductors PCF5001 Datasheet HTML 30Page - NXP Semiconductors PCF5001 Datasheet HTML 31Page - NXP Semiconductors PCF5001 Datasheet HTML 32Page - NXP Semiconductors PCF5001 Datasheet HTML 33Page - NXP Semiconductors PCF5001 Datasheet HTML 34Page - NXP Semiconductors PCF5001 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
1997 Mar 04
31
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
10 DC CHARACTERISTICS (WITH VOLTAGE CONVERTER)
VDD =0V; VSS = −3.0 V; Vref = −6.0 V; Tamb =25 °C.
Quartz crystal parameters: f = 76800 Hz; RS(max) =40kΩ; CL =12pF.
Decoder Mode programmed as Display Pager (SPF01 = 1).
Voltage converter enabled (SPF08 = 1); CS = 100 nF.
11 AC CHARACTERISTICS
VDD =0V; VSS = −2.7 V; Tamb =25 °C.
Quartz crystal parameters: f = 32768 or 76800 Hz; RS(max) =40kΩ; CL =12pF.
Decoder Mode programmed as Display or Alert-only Pager (SPF01 = 1 or 0).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VSS
supply voltage
−1.5
−−3.0
V
Voltage converter
Vref(0)
output voltage; no load
VSS = −3.0 V
−5.8
−−6.0
V
Vref
output voltage
VSS = −2.0 V; Iref = 250 µA
−3.0
−3.5
−
V
Iref
output current
VSS = −2.0 V; Vref = −2.7 V
400
600
−µA
VSS = −3.0 V; Vref = −4.5 V
600
900
−µA
Inputs
II
input current
AI, ON, SR and SK
VI =Vref
−
0
−0.5
µA
ON and SK
VI =VDD
−
0
±0.5
µA
SR
VI =VDD; Vref = −6.0 V
−
17
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Alert frequency
fAL
alert frequency
SPF31 = 0
−
2048
−
Hz
fAWH
high alert warble frequency
−
1024
−
Hz
fAWL
low alert warble frequency
−
16
−
Hz
fAL
alert frequency
SPF31 = 1
−
2731
−
Hz
fAWH
high alert warble frequency
−
1365
−
Hz
fAWL
low alert warble frequency
−
16
−
Hz
fFL
output frequency reference at FL
SPF32 = 0
−
16384
−
Hz
SPF32 = 1
−
32768
−
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com