Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 30Page - NXP Semiconductors PCF5001 Datasheet HTML 31Page - NXP Semiconductors PCF5001 Datasheet HTML 32Page - NXP Semiconductors PCF5001 Datasheet HTML 33Page - NXP Semiconductors PCF5001 Datasheet HTML 34Page - NXP Semiconductors PCF5001 Datasheet HTML 35Page - NXP Semiconductors PCF5001 Datasheet HTML 36Page - NXP Semiconductors PCF5001 Datasheet HTML 37Page - NXP Semiconductors PCF5001 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
1997 Mar 04
34
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
13 PROGRAMMING CHARACTERISTICS
VDD =0V; VSS =VPG = −5.0 V (see notes 1, 2 and 3); Vref =VSS; pins 2 and 3 open-circuit; Tamb =25 °C.
Quartz crystal parameters: f = 32768 Hz; RS(max) =40kΩ; CL =12pF.
Decoder in OFF status.
Notes
1. VSS =VPG only required during erase/write (tPEW in Fig.19), otherwise VSS(min) = −1.5 V.
2. Maximum voltage for programming (VPG) is −5.5 V.
3. See Section 7.19 and Chapter 8 for limitations of Vref when programming while the voltage converter is enabled.
4. EEPROM programming is also possible at higher frequencies (76.8 kHz or 153.6 kHz). The timings shown then
become proportionally smaller.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Programming; see Fig.19
tRES
power-up reset pulse width
note 4
35
−−µs
tPEW
erase/write time
10
−−
ms
fEW
erase/write frequency
1.0
1.5
2.0
MHz
tEW
erase/write cycles
1000
10000
−−
tDR
data retention time
Tamb =85 °C10
−−
years
tPCH
data clock HIGH time
note 4
65
−−µs
tPCL
data clock LOW time
note 4
65
−−µs
tPRS
read set-up time
note 4
−−
35
µs
tPSI
data set-up time on input
note 4
35
−−µs
tPSO
data set-up time on output
note 4
−−
35
µs
tPDH
data hold time
note 4
35
−−µs
handbook, halfpage
MGL100
tDI1
tDI0
t TDI
Fig.21 Data input timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com