Electronic Components Datasheet Search
  English  ▼

X  

PCF5001 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 29Page - NXP Semiconductors PCF5001 Datasheet HTML 30Page - NXP Semiconductors PCF5001 Datasheet HTML 31Page - NXP Semiconductors PCF5001 Datasheet HTML 32Page - NXP Semiconductors PCF5001 Datasheet HTML 33Page - NXP Semiconductors PCF5001 Datasheet HTML 34Page - NXP Semiconductors PCF5001 Datasheet HTML 35Page - NXP Semiconductors PCF5001 Datasheet HTML 36Page - NXP Semiconductors PCF5001 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
1997 Mar 04
33
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
12 TIMING CHARACTERISTICS
VDD =0V; VSS = −2.7 V; Tamb =25 °C.
Quartz crystal parameters: f = 32768 or 76800 Hz; RS(max) =40kΩ; CL =12pF.
Decoder Mode programmed as Display or Alert-only Pager (SPF01 = 1 or 0).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating frequency dependent
fosc
oscillator frequency
SPF03 = 0
−
32768
−
Hz
SPF03 = 1
−
76800
−
Hz
tTDI
data input transition time
see Fig.21
−−
100
µs
tDI1
data input logic 1
see Fig.21
tBIT
−∞
tDI0
data input logic 0
see Fig.21
tBIT
−∞
fDI
data input rate
SPF02 = 0
−
512
−
bits/s
tBIT
bit period
−
1.9531
−
ms
tCW
codeword duration
−
62.5
−
ms
tPA
preamble duration
1125
−−
ms
tBAT
batch duration
−
1062.5
−
ms
fDI
data input rate
SPF02 = 1; fosc = 76800 Hz
−
1200
−
bits/s
tBIT
bit period
−
833.3
−
ms
tCW
codeword duration
−
26.7
−
ms
tPA
preamble duration
480
−−
ms
tBAT
batch duration
−
453.3
−
ms
Alert only mode (SPF01 = 0)
tSDB
switch debounce period
−
62.5
−
ms
Display pager mode (SPF01 = 1); see Figs 6 and 7
tSTP
status set-up time
fosc = 32768 Hz
35
−−µs
tSTD
status change delay
−−
35
µs
tIEH
interface enable hold time
35
−−µs
tSTH
status hold time
35
−−µs
tSPD
status pulse duration
35
−−µs
tSTP
status set-up time
fosc = 76800 Hz
15
−−µs
tSTD
status change delay
−−
15
µs
tIEH
interface enable hold time
15
−−µs
tSTH
status hold time
15
−−µs
tSPD
status pulse duration
15
−−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com