Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 16 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 16 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 12Page - VIA Technologies, Inc. VT6103 Datasheet HTML 13Page - VIA Technologies, Inc. VT6103 Datasheet HTML 14Page - VIA Technologies, Inc. VT6103 Datasheet HTML 15Page - VIA Technologies, Inc. VT6103 Datasheet HTML 16Page - VIA Technologies, Inc. VT6103 Datasheet HTML 17Page - VIA Technologies, Inc. VT6103 Datasheet HTML 18Page - VIA Technologies, Inc. VT6103 Datasheet HTML 19Page - VIA Technologies, Inc. VT6103 Datasheet HTML 20Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-10-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Offset 4 (04h) – AutoNegotiation Advertisement Base Page
(05E1h)...............................................................................RW
15
Next Page
.............................................. default = 0
14
Received Code Word Recognized.... RO, default = 0
13
Remote Fault ............................................ default = 0
12-11 Reserved
........................................ always reads 0
10
Pause Operation for Full Duplex Link .. default = 1
9
100 Base-T4 Capable ............................... default = 0
8
100 Base-TX Full DuplexCapable .......... default = 1
7
100 Base-TX Half Duplex Capable ........ default = 1
6
10 Base-TX Full Duplex Capable ......... default = 1
5
10 Base-TX Half Duplex Capable ........ default = 1
4-0
Selector Field.................................. default = 00001b
Offset 5 (05h) – Link Partner Advertisement Base Page
(0000h) ................................................................................RO
15
Next Page
.............................................. default = 0
14
Received Code Word Recognized........... default = 0
13
Remote Fault ............................................ default = 0
12-11 Reserved
........................................ always reads 0
10
Pause Operation for Full Duplex Link .. default = 0
9
100 Base-T4 Capable ............................... default = 0
8
100 Base-TX Full DuplexCapable .......... default = 0
7
100 Base-TX Half Duplex Capable ........ default = 0
6
10 Base-TX Full Duplex Capable ......... default = 0
5
10 Base-TX Half Duplex Capable ........ default = 0
4-0
Selector Field............................................ default = 0
Offset 6 (06h) – Auto-Negotiation Expansion (0004h)....RO
15-5 Reserved
........................................ always reads 0
4
Parallel Fault Detect in Auto-Negotiation Process
....................................... LH, default = 0
3
Link Partner Capable of Next Page Process
.............................................. default = 0
2
Capable of Next Page Process................. default = 0
1
Page Received in Auto-Negotiation Process
....................................... LH, default = 0
0
Link
Partner
Capable
of
Auto-Negotiation
Process
.............................................. default = 0
Offset 7 (07h) – AutoNegotiation Advertisement Next Page
(2001h) ............................................................................... RW
15
Next Page
.............................................. default = 0
14
Received Code Word Recognized ... RO, default = 0
13
Message Page ............................................ default = 1
12
Capable of Complying with Message ..... default = 0
11
Toggle Bit
...................................... RO, default = 0
10-0 Message Code Field or Unformatted Code Field
........................................ default = 001h
Offset 8 (08h) – Link Partner Advertisement Next Page
(0000h) ................................................................................ RO
15
Next Page
.............................................. default = 0
14
Received Code Word Recognized ........... default = 0
13
Message Page ............................................ default = 0
12
Capable of Complying with Message ..... default = 0
11
Toggle Bit
.............................................. default = 0
10-0 Message Code Field or Unformatted Code Field
.............................................. default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com