Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 41 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 41 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 37Page - VIA Technologies, Inc. VT6103 Datasheet HTML 38Page - VIA Technologies, Inc. VT6103 Datasheet HTML 39Page - VIA Technologies, Inc. VT6103 Datasheet HTML 40Page - VIA Technologies, Inc. VT6103 Datasheet HTML 41Page - VIA Technologies, Inc. VT6103 Datasheet HTML 42Page - VIA Technologies, Inc. VT6103 Datasheet HTML 43Page - VIA Technologies, Inc. VT6103 Datasheet HTML 44Page - VIA Technologies, Inc. VT6103 Datasheet HTML 45Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-35-
Electrical Specifications
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Table 9. LED On / Off Timing
Symbol Parameter
Min
Typ
Max
Unit Comment
T1
LED[3:0] On Time
68
ms
T2
LED[3:0] Off Time
68
ms
T1
T2
T2
T2
T2
LED[3:0]
LED[3:0]
LED[3:0]
LED[3:0]
Figure 8. LED On / Off Timing
Table 10. MII Transmit Data Timing
Symbol Parameter
Min
Typ
Max
Unit Comment
T1
TXD[3:0], TXEN, TXER Setup to TXC
10
ns
T2
TXD[3:0], TXEN, TXER Hold from TXC
0
ns
T2
T1
T1
T1
T1
TX_CLK
TX_CLK
TX_CLK
TX_CLK
Valid Data
Valid Data
Valid Data
Valid Data
TXD[3:0]
TXD[3:0]
TXD[3:0]
TXD[3:0]
TX_EN
TX_EN
TX_EN
TX_EN
TX_ER(INPUT)
TX_ER(INPUT)
TX_ER(INPUT)
TX_ER(INPUT)
Figure 9. MII Transmit Data Timing
Table 11. MII Receive Data Timing
Symbol Parameter
Min
Typ
Max
Unit Comment
T1
RXD[3:0], RXDV, RXER to RXC Output Delay
25
ns
T2
RXC Clock Period
40
ns
T2
T1
T1
T1
T1
RX_CLK
RX_CLK
RX_CLK
RX_CLK
Valid Data
Valid Data
Valid Data
Valid Data
RXD[3:0]
RXD[3:0]
RXD[3:0]
RXD[3:0]
RX_DV
RX_DV
RX_DV
RX_DV
RX_ER(OUTPUT)
RX_ER(OUTPUT)
RX_ER(OUTPUT)
RX_ER(OUTPUT)
Figure 10. MII Receive Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com