Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 22 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 22 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 18Page - VIA Technologies, Inc. VT6103 Datasheet HTML 19Page - VIA Technologies, Inc. VT6103 Datasheet HTML 20Page - VIA Technologies, Inc. VT6103 Datasheet HTML 21Page - VIA Technologies, Inc. VT6103 Datasheet HTML 22Page - VIA Technologies, Inc. VT6103 Datasheet HTML 23Page - VIA Technologies, Inc. VT6103 Datasheet HTML 24Page - VIA Technologies, Inc. VT6103 Datasheet HTML 25Page - VIA Technologies, Inc. VT6103 Datasheet HTML 26Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-16-
Functional Description
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
FUNCTIONAL DESCRIPTION
General
The VT6103 is a complete 10 / 100 Mbps Ethernet Media
Interface IC. The VT6103 has the following main sections:
controller interface, encoder, decoder, scrambler, descrambler,
clock and data recovery, twisted pair transmitter, twisted pair
receiver, and MI serial port. A block diagram is shown in
Figure 3.
The VT6103 can operate as a 100Base-TX device (hereafter
referred to as 100 Mbps mode) or as a 10Base-T device
(hereafter referred to as 10 Mbps mode).
The differences
between 100 Mbps mode and 10 Mbps mode are data rate,
signalling protocol, and allowed wiring. 100 Mbps TX mode
uses two pairs of category 5 or better UTP or STP twisted pair
cable with 4B5B encoded, scrambled, and MLT-3 coded 62.5
MHz ternary data to achieve a throughput of 100 Mbps. 10
Mbps mode uses two pairs of category 3 or better UTP or STP
twisted pair cable with Manchester encoded, 10 MHz binary
data to achieve a 10 Mbps thruput. The data symbol format
on the twisted pair cable for the 100 and 10 Mbps modes is
defined in the IEEE 802.3 specification.
On the transmit side for 100 Mbps TX operation, data is
received on the controller interface from an external Ethernet
controller.
The data is then sent to the 4B5B encoder for
formatting. The encoded data is then sent to the scrambler.
The scrambled and encoded data is then sent to the TP
transmitter.
The TP transmitter converts the encoded and
scrambled data into MLT-3 ternary format, preshapes the
output, and drives the twisted pair cable.
On the receive side for 100 Mbps TX operation, the twisted
pair receiver receives incoming encoded and scrambled MLT-
3 data from the twisted pair cable, removes any high
frequency noise, equalizes the input signal to compensate for
the effects of the cable, qualifies the data with a squelch
algorithm, and converts the data from MLT-3 coded twisted
pair levels to internal digital levels. The output of the twisted
pair receiver then goes to a clock and data recovery block
which recovers a clock from the incoming data, uses the clock
to latch in valid data into the device, and converts the data
back to NRZ format. The NRZ data is then unscrambled and
decoded by the 4B5B decoder and descrambler, respectively,
and outputted to an external Ethernet controller by the
controller interface.
10 Mbps operation is similar to 100
Mbps
TX
operation
except
(1)
there
is
no
scrambler/descrambler, (2) the encoder/decoder is Manchester
instead of 4B5B, (3) the data rate is 10 Mbps instead of 100
Mbps, and (4) the twisted pair symbol data is two level
Manchester instead of ternary MLT-3.
The Management Interface, (hereafter referred to as the MI
serial port), is a two-pin bidirectional link through which
configuration inputs can be set and status outputs can be read.
Each block plus the operating modes is described in more
detail in the following sections.
Since the VT6103 can
operate as either a 100Base-TX or a 10Base-T device, each of
the following sections describes the performance of the
respective section in both 100 and 10 Mbps modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com