Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 27 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 27 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 23Page - VIA Technologies, Inc. VT6103 Datasheet HTML 24Page - VIA Technologies, Inc. VT6103 Datasheet HTML 25Page - VIA Technologies, Inc. VT6103 Datasheet HTML 26Page - VIA Technologies, Inc. VT6103 Datasheet HTML 27Page - VIA Technologies, Inc. VT6103 Datasheet HTML 28Page - VIA Technologies, Inc. VT6103 Datasheet HTML 29Page - VIA Technologies, Inc. VT6103 Datasheet HTML 30Page - VIA Technologies, Inc. VT6103 Datasheet HTML 31Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-21-
Functional Description
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Encoder
4B5B Encoder – 100 Mbps
100Base-TX requires that the data be 4B5B encoded. 4B5B
coding converts the 4-Bit data nibbles into 5-Bit data code
words. The mapping of the 4B nibbles to the 5B code words
is specified in IEEE 802.3.
The 4B5B encoder takes 4B
nibbles and converts to 5B words according to IEE802.3, and
sends the 5B words to the scrambler. The 4B5B encoder also
substitutes the first 8 bits of the preamble with the SSD
delimiters (/J/K symbols) and adds an ESD delimiter (/T/R
symbols) to the end of every packet, as defined in IEEE 802.3.
The 4B5B encoder also fills the period between packets,
called the idle period, with a continuous stream of idle
symbols, as shown in IEE802.3.
Manchester Encoder – 10 Mbps
The Manchester encoding process combines clock and NRZ
data such that the first half of the data bit contains the
complement of the data, and the second half of the data bit
contains the true data, as specified in IEEE 802.3.
This
guarantees that a transition always occurs in the middle of the
bit cell. The Manchester encoder in the VT6103 converts the
10 Mbps NRZ data from the controller interface into a
Manchester Encoded data stream for the TP transmitter and
adds a start of idle pulse (SOI) at the end of the packet as
specified in IEEE 802.3. Manchester encoding of the NRZ
data occurs only when TXEN is asserted.
Decoder
4B5B Encoder – 100 Mbps
Since the TP input data is 4B5B encoded on the transmit side,
it must also be decoded by the 4B5B decoder on the receive
side.
The mapping of 5B nibbles to 4B code words is
specified in IEEE 802.3. The 4B5B decoder takes the 5B
code words from the descrambler, converts them into 4B
nibbles. The 4B5B decoder also strips off the SSD delimiter
(/J/K symbols) and replaces them with two 4B Data 5 nibbles
(/5 symbol), and strips off the ESD delimiter (/T/R symbols)
and replaces it with two 4B Data 0 nibbles (/I symbol), per
IEEE 802.3 specifications. The 4B5B decoder detects SSD,
ESD and, codeword errors in the incoming data stream as
specified in IEEE 802.3.
These errors are indicated by
asserting RXER output while the errors are being transmitted
across RXD[3:0], and they are also indicated in the MI
Register by setting SSD, ESD, and codeword error bits in the
MI Status Output register.
Manchester Encoder – 10 Mbps
In Manchester coded data, the first half of the data bit contains
the complement of the data and the second half of the data bit
contains the true data. The Manchester decoder converts the
Manchester encoded data stream from the TP receiver into
NRZ data for the controller interface by decoding the data and
stripping off the SOI pulse. Since the clock and data recovery
block has already separated the clock and data from the TP
receiver, the Manchester decoding process to NRZ data is
inherently performed by that block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com