Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 18 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 18 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 14Page - VIA Technologies, Inc. VT6103 Datasheet HTML 15Page - VIA Technologies, Inc. VT6103 Datasheet HTML 16Page - VIA Technologies, Inc. VT6103 Datasheet HTML 17Page - VIA Technologies, Inc. VT6103 Datasheet HTML 18Page - VIA Technologies, Inc. VT6103 Datasheet HTML 19Page - VIA Technologies, Inc. VT6103 Datasheet HTML 20Page - VIA Technologies, Inc. VT6103 Datasheet HTML 21Page - VIA Technologies, Inc. VT6103 Datasheet HTML 22Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-12-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Offset 19 (13h) – PHY Configuration 4 (FFFCh) ..........RW
15
Mask Interrupt Function
0Disable
1
Enable ...................................................default
14
Mask Interrupt on Link-Up Status
0Disable
1
Enable ...................................................default
13
Mask Interrupt on Link-Fail Status
0Disable
1
Enable ...................................................default
12
Mask Interrupt on Link Status Change
0Disable
1
Enable ...................................................default
11
Mask Interrupt on Auto-Negotiation Process
Complete
0Disable
1
Enable ...................................................default
10
Mask Interrupt on Page Received in Auto-
Negotiation Process
0Disable
1
Enable ...................................................default
9
Mask Interrupt on Jabber Condition Detect
0Disable
1
Enable ...................................................default
8
Mask Interrupt on Invalid Symbol Received
0Disable
1
Enable ...................................................default
7
Mask Interrupt on SSD Delimiter Error Detected
0Disable
1
Enable ...................................................default
6
Mask Interrupt on ESD Delimiter Error Detected
0Disable
1
Enable ...................................................default
5
Mask Interrupt on Signal Quality Error Detected
0Disable
1
Enable ...................................................default
4
Mask Interrupt on Link Fail Counter in Rx15
Count to Max
0Disable
1
Enable ...................................................default
3
Mask Interrupt on Invalid Symbol Received
Counter in Rx16 Count to Max
0Disable
1
Enable ...................................................default
2
Mask Interrupt on False Carrier Counter in Rx17
Count to Max
0Disable
1
Enable ...................................................default
1-0
Reserved
........................................ always reads 0
Offset 20 (14h) – PHY Status (0000h).............................. RO
15
Polarity Inversion Base10-Tx
0
Disable................................................... default
1
Enable
14
Link Up Status...................................LH, default = 0
13
Link Fail Status ................................. LL, default = 0
12
Link Status .............................................. default = 0
11
Auto-Negotiation Process Complete....... default = 0
10
Page Received in Auto-Negotiation Process
.......................................LH, default = 0
9
Jabber Condition Detect...................LH, default = 0
8
Error Code Symbol Received...........LH, default = 0
7
Start of Stream Delimiter Error ......LH, default = 0
6
End of Stream Delimiter Error........LH, default = 0
5
Signal Quality Error Detected .........LH, default = 0
4
Link Fail Counter in Rx15 Count to Max
.......................................LH, default = 0
3
Invalid Symbol Received Counter in Rx16 Count
to Max
.......................................LH, default = 0
2
False Carrier Counter in Rx17 Count to Max
.......................................LH, default = 0
1
PHY Speed Status .................................... default = 0
0
PHY Duplex Status .................................. default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com