Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 20 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 20 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 16Page - VIA Technologies, Inc. VT6103 Datasheet HTML 17Page - VIA Technologies, Inc. VT6103 Datasheet HTML 18Page - VIA Technologies, Inc. VT6103 Datasheet HTML 19Page - VIA Technologies, Inc. VT6103 Datasheet HTML 20Page - VIA Technologies, Inc. VT6103 Datasheet HTML 21Page - VIA Technologies, Inc. VT6103 Datasheet HTML 22Page - VIA Technologies, Inc. VT6103 Datasheet HTML 23Page - VIA Technologies, Inc. VT6103 Datasheet HTML 24Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-14-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Offset 26 (1Ah) – PHY Test Configuration 1 (0012h) ...RW
15
PHY
Capability
to
Set
Baseline
Wander
Correction Circuit Correction Amount
0
Disable ...................................................default
1
Enable
14-9 Baseline Wander Correction Circuit Value
8
PHY
Capability
to
Read
Baseline
Wander
Correction Circuit Correction Amount
0
Disable ...................................................default
1
Enable
7
Baseline
Wander
Upper
Limit
Overflow
Indication
.......................................................... LH
0
Disable ...................................................default
1
Enable
6
Baseline
Wander
Lower
Limit
Overflow
Indication
.......................................................... LH
0
Disable ...................................................default
1
Enable
5-4
FTxD10, FTxData10En Clock Phase Selection
......................................... default = 01b
3
Drive Kill Pattern Mode
0
Disable ...................................................default
1
Enable
2
Asynchronous Baseline Wander Correction
0
Disable ...................................................default
1
Enable
1-0
Asynchronous Baseline Wander Correction Peak
Detection Threshold ........................... default = 10h
Offset 27 (1Bh) – PHY Test Configuration 2 (C500h) .. RW
15
10 Squelch Signals Debounce
0Disable
1
Enable................................................... default
14
10 Squelch Signals Go Idle State Debounce
0Disable
1
Enable................................................... default
13
10 Squelch Signals Idle Condition Select ..... def = 0
12
NLP Pulse Length
0
100 ns .................................................... default
1
150 ns
11
Force Transmit Data
0
Disable................................................... default
1
Enable
10
NLP Watchdog
0Disable
1
Enable (10 will go Link Fail if too many
NLP’s received in NLPMinTime at Link Up
Status)................................................... default
9
Set Rx21-23 MIB Counters to FFFEh
0
Disable................................................... default
1
Enable.......................................... Self Clearing
8
10 Stop Receive Data if Squelch Signals Go Idle
State
0Disable
1
Enable................................................... default
7
Drive Overshoot Pattern for 100 Characterization
0
Disable................................................... default
1
Enable
6
Fast Drive NLP Pattern for 10 Characterization
0
Disable................................................... default
1
Enable
5
F Direct Drive (See Bits 0-4)
0
Disable................................................... default
1
Enable
4
Replacement Value for TXER if FDirectDrive
(bit-5) is Set
3-0
Replacement Value for TXD if FDirectDrive (bit-
5) is Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com