Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 19 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 19 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 15Page - VIA Technologies, Inc. VT6103 Datasheet HTML 16Page - VIA Technologies, Inc. VT6103 Datasheet HTML 17Page - VIA Technologies, Inc. VT6103 Datasheet HTML 18Page - VIA Technologies, Inc. VT6103 Datasheet HTML 19Page - VIA Technologies, Inc. VT6103 Datasheet HTML 20Page - VIA Technologies, Inc. VT6103 Datasheet HTML 21Page - VIA Technologies, Inc. VT6103 Datasheet HTML 22Page - VIA Technologies, Inc. VT6103 Datasheet HTML 23Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-13-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Offset 21 (15h) – Link Fail Counter (0000h) ...................RO
15-0 Link Fail Count........................................ default = 0
Offset 22 (16h) – Invalid Symbol / Jabber Error Counter
(0000h) ................................................................................RO
Speed 100
15-0 Count of Invalid Symbols Received ....... default = 0
Speed 10
15-0 Jabber Detect Count................................ default = 0
Offset 23 (17h) – False Carrier / SQE Counter (0000h). RO
Speed 100
15-0 False Carrier Count ................................. default = 0
Speed 10
15-0 SQE Detect Count .................................... default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com