Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 25 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 25 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 21Page - VIA Technologies, Inc. VT6103 Datasheet HTML 22Page - VIA Technologies, Inc. VT6103 Datasheet HTML 23Page - VIA Technologies, Inc. VT6103 Datasheet HTML 24Page - VIA Technologies, Inc. VT6103 Datasheet HTML 25Page - VIA Technologies, Inc. VT6103 Datasheet HTML 26Page - VIA Technologies, Inc. VT6103 Datasheet HTML 27Page - VIA Technologies, Inc. VT6103 Datasheet HTML 28Page - VIA Technologies, Inc. VT6103 Datasheet HTML 29Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-19-
Functional Description
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Nibble-Wide MII Data Interface
Clause 22 of the IEEE 802.3u specification defines the Media
Independent Interface.
This interface includes a dedicated
receive bus and a dedicated transmit bus.
These two data
buses, along with various control and indicate signals, allow
for the simultaneous exchange of data between the VT6103
and the upper layer agent (MAC or repeater). The receive
interface consists of a nibble wide data bus RXD[3:0], a
receive error signal RXER, a receive data valid flag RXDV,
and a receive clock RXC for synchronous transfer of the data.
The receive clock can operate at either 2.5 MHz to support 10
Mb/s operation modes or at 25 MHz to support 100 Mb/s
operational modes. The transmit interface consists of a nibble
wide data bus TXD[3:0], a transmit error flag TXER, a
transmit enable control signal TXEN, and a transmit clock
TXC which runs at either 2.5 MHz or 25 MHz. Additionally,
the MII includes the carrier sense signal CRS, as well as a
collision detect signal COL.
The CRS signal asserts to
indicate the reception of data from the network or as a
function of transmit data in Half Duplex mode. The COL
signal asserts as an indication of a collision which can occur
during half-duplex operation when both a transmit and a
receive operation occur simultaneously.
Collision Detect
For Half Duplex, a 10Base-T or 100Base-X collision is
detected when the receive and transmit channels are active
simultaneously. Collisions are reported by the COL signal on
the MII.
If the VT6103 is transmitting in 10 Mb/s mode when a
collision is detected, the collision is not reported until seven
bits have been received while in the collision state.
This
prevents a collision from being reported incorrectly due to
noise on the network. The COL signal remains set for the
duration of the collision. If a collision occurs during a receive
operation, it is immediately reported by the COL signal.
When heartbeat is enabled (only applicable to 10 Mb/s
operation), approximately 1 ms after the transmission of each
packet, a Signal Quality Error (SQE) signal of approximately
10 bit times is generated (internally) to indicate successful
transmission. SQE is reported as a pulse on the COL signal of
the MII.
Carrier Sense
Carrier Sense (CRS) may be asserted due to receive activity,
once valid data is detected via the Smart Squelch function
during 10 Mb/s operation.
For 10 Mb/s Half Duplex
operation, CRS is asserted during either packet transmission
or reception.
For 10 Mb/s Full Duplex operation, CRS is
asserted only due to receive activity.
CRS is deasserted
following an end of packet. In Repeater mode (pin 63 / bit 9,
register address 19h), CRS is only asserted due to receive
activity.
MII Isolate Mode
A 100Base-X PHY connected to the mechanical MII inter-
face specified in IEEE 802.3u is required to have a default
value of one in bit 10 of the Basic Control Register (BCR,
address 00h.). The VT6103 will set this bit to one if the PHY
Address is set to 00000 upon power-up / hardware Reset.
Otherwise, the VT6103 will set this bit to zero upon power-up
/ hardware reset. With bit 10 in the BMCR set to one, the
VT6103 does not respond to packet data present at TXD[3:0],
TXEN, and TXER inputs and presents a high impedance on
the TXCK, RXCK, RXDV, RXER, RXD[3:0], COL, and CRS
outputs. The VT6103 will continue to respond to all serial
management transactions over the MII.
While in Isolate
mode, the TX
+ / ΤX− outputs are dependent on the current
state of Auto-Negotiation. The VT6103 can Auto-Negotiate
or parallel detect to a specific technology depending on the
receive signal at the RX
+ / RX− inputs. It is recommended
that the user have a basic understanding of clause 22 of the
802.3u standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com