Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 24 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 24 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 20Page - VIA Technologies, Inc. VT6103 Datasheet HTML 21Page - VIA Technologies, Inc. VT6103 Datasheet HTML 22Page - VIA Technologies, Inc. VT6103 Datasheet HTML 23Page - VIA Technologies, Inc. VT6103 Datasheet HTML 24Page - VIA Technologies, Inc. VT6103 Datasheet HTML 25Page - VIA Technologies, Inc. VT6103 Datasheet HTML 26Page - VIA Technologies, Inc. VT6103 Datasheet HTML 27Page - VIA Technologies, Inc. VT6103 Datasheet HTML 28Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-18-
Functional Description
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
802.3u MII
The VT6103 incorporates the Media Independent Inter-face
(MII) as specified in clause 22 of the IEEE 802.3u standard.
This interface may be used to connect PHY devices to MAC
or repeater devices in 10/100 Mb/s systems.
This section
describes both the serial MII management interface as well as
the nibble wide MII data interface. The management interface
of the MII allows the configuration and control of multiple
PHY devices, the gathering of status and error information,
and the determination of the type and abilities of the attached
PHY(s).
The nibble wide MII data interface consists of a
receive bus and a transmit bus each with control signals to
facilitate data transfer between the PHY and the upper layer
(MAC or repeater.) The VT6103 supports the MII interrupt
function.
Serial Management Register Access
The serial MII specification defines a set of thirty-two 16-bit
status and control registers that are accessible through the
serial management data interface pins MDC and MDIO. The
VT6103 implements all the required MII registers as well as
several optional registers. These registers are fully described
in the registers section of this document. A description of the
serial management access protocol follows.
Serial Management Access Protocol
The serial control interface consists of two pins, Management
Data Clock (MDC) and Management Data Input/Output
(MDIO). MDC has a maximum clock rate of 10 MHz and no
minimum rate. The MDIO line is bidirectional and may be
shared by up to 32 devices.
The MDIO frame format is
shown in IEEE802.3, section 22.2.4.4. The MDIO pin has an
internal pull-up resistor (1.5Kohm) which will pull MDIO
high during IDLE and turnaround. In order to initialize the
MDIO interface, the station management entity sends a
sequence of 32 contiguous logic ones on MDIO to provide the
VT6103 with a sequence that can be used to establish
synchronization. This preamble may be generated either by
driving MDIO high for 32 consecutive MDC clock cycles, or
by simply allowing the MDIO pull-up resistor to pull the
MDIO pin high during which time 32 MDC clock cycles are
provided. In addition, 32 MDC clock cycles should be used if
an invalid start, pop code, or turn-around bit is detected.
The VT6103 waits until it has received this preamble
sequence before responding to any other transaction. Once
the VT6103 serial management port has initialized, no further
preamble sequencing is required until after a power-on / reset
has occurred. The Start code is indicated by a <01> pattern.
This assures the MDIO line transitions from the default idle
line state. Turnaround is an idle bit time inserted between the
Register Address field and the Data field.
To avoid
contention, no device actively drives the MDIO signal during
the first bit of Turnaround during a read transaction.
The
addressed VT6103 drives MDIO with a zero for the second bit
of Turn-around and follows this with the required data. IEEE
802.3 section 22.3.4.1 shows the timing relationship between
MDC and MDIO as driven / received by the Station
Management Entity (SME) and the VT6103 (PHY) for a
typical register read access. For write transactions, the station
management entity writes data to an addressed VT6103
eliminating the requirement for MDIO Turnaround.
The
Turnaround time is filled by the management entity inserting
<10> for these two bits.
Preamble Suppression
The VT6103 supports a Preamble Suppression mode. If the
station management entity (i.e. MAC or other management
controller) determines that all PHYs in the system support
Preamble Suppression by returning a one in this bit, then the
station management entity need not generate preamble for
each management transaction. The VT6103 requires a single
initialization sequence of 32 bits of preamble following
power-up/hardware reset. This requirement is generally met
by the mandatory pull-up resistor on MDIO in conjunction
with a continuous MDC, or the management access made to
determine whether Preamble Suppression is supported. While
the VT6103 requires an initial preamble sequence of 32 bits
for management initialization, it does not require a full 32 bit
sequence between each subsequent transaction. A minimum
of one idle bit between management transactions is required as
specified in IEEE 802.3u.
PHY Address Sensing
The VT6103 can be set to respond to any of the possible 32
PHY addresses. Each VT6103 connected to a common serial
MII must have a unique address. It should be noted that while
an address selection of all zeros <00000> will result in PHY
Isolate mode, this will not effect serial management access.
The VT6103 provides five PHY address pins, the state of
which are latched into the PHYCTRL register (address 10h) at
system power-up / reset. These pins are described in the pin
descriptions section of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com