Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 29 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 29 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 25Page - VIA Technologies, Inc. VT6103 Datasheet HTML 26Page - VIA Technologies, Inc. VT6103 Datasheet HTML 27Page - VIA Technologies, Inc. VT6103 Datasheet HTML 28Page - VIA Technologies, Inc. VT6103 Datasheet HTML 29Page - VIA Technologies, Inc. VT6103 Datasheet HTML 30Page - VIA Technologies, Inc. VT6103 Datasheet HTML 31Page - VIA Technologies, Inc. VT6103 Datasheet HTML 32Page - VIA Technologies, Inc. VT6103 Datasheet HTML 33Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-23-
Functional Description
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Twisted Pair Transmitter
Transmitter - 100 Mbps
The transmitter consists of an MLT-3 encoder, waveform
generator and line driver. The MLT-3 encoder converts the
NRZ data from the scrambler into a three level MLT-3 code.
MLT-3 coding uses three levels, converts 1's to transitions
between the three levels, and converts 0's to no transitions or
changes in level. The purpose of the waveform generator is to
shape the transmitter output pulse. The waveform generator
takes the MLT-3 three level encoded waveform and uses an
array of switched current sources to control the rise / fall time
and level of the signal at the output.
The output of the
switched current sources then goes through a lowpass filter in
order to "smooth" the current output and remove any high
frequency components. In this way, the waveform generator
preshapes the output waveform transmitted onto the twisted
pair cable to meet the pulse template requirements outlined in
IEEE 802.3. The waveform generator eliminates the need for
any external filters on the TP transmit output. The line driver
converts the shaped and smoothed waveform to a current
output that can drive 100 meters of category 5 unshielded
twisted pair cable or 150 ohm shielded twisted pair cable.
Transmitter - 10 Mbps
The operation of the 10 Mbps transmitter is much different
from the operation of the 100 Mbps transmitter. Even so, the
transmitter still consists of a waveform generator and line
driver. The purpose of the waveform generator is to shape the
output transmit pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com