Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 31 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 31 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 27Page - VIA Technologies, Inc. VT6103 Datasheet HTML 28Page - VIA Technologies, Inc. VT6103 Datasheet HTML 29Page - VIA Technologies, Inc. VT6103 Datasheet HTML 30Page - VIA Technologies, Inc. VT6103 Datasheet HTML 31Page - VIA Technologies, Inc. VT6103 Datasheet HTML 32Page - VIA Technologies, Inc. VT6103 Datasheet HTML 33Page - VIA Technologies, Inc. VT6103 Datasheet HTML 34Page - VIA Technologies, Inc. VT6103 Datasheet HTML 35Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-25-
Functional Description
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Miscellaneous Functions
Smart Squelch
Smart squelch is responsible for determining when valid data
is present on the differential receive inputs (TPRD+/-). The
VT6103 implements an intelligent receive squelch algorithm
to ensure that impulse noise on the receive inputs will not be
mistaken for a valid signal.
Smart squelch operation is
independent of the 10Base-T operational mode. The squelch
circuitry employs a combination of amplitude and timing
measurements (as specified in the IEEE 802.3 10Base-T
standard) to determine the validity of data on the twisted pair
inputs (refer to IEEE802.3).
The signal at the Start of Packet is checked by the smart
squelch circuit and any pulses not exceeding the squelch level
(either positive or negative, depending upon polarity) will be
rejected. Once this first squelch level is overcome correctly,
the opposite squelch level must then be exceeded within 150
ns. Finally the signal must exceed the original squelch level
within a further 150 ns to ensure that the input waveform will
not be rejected. The checking procedure results in the loss of
typically three preamble bits at the beginning of each packet.
Only after all these conditions have been satisfied will a
control signal be generated to indicate to the remainder of the
circuitry that valid data is present. At this time, the smart
squelch circuitry is reset.
Valid data is considered to be
present until squelch level has not been generated for a time
longer than 150ns, indicating End of Packet. Once good data
has been detected the squelch levels are reduced to minimize
the effect of noise causing premature End of Packet detection.
The receive squelch threshold level can be lowered for use in
longer cable or STP applications. This is achieved by setting
the F10LSS bit in the PHYCONFIG register (bit 7, register
10h).
Collision Detection
For Half Duplex, a 10Base-T collision is detected when the
receive and transmit channels are active simultaneously.
Collisions are reported by the COL signal on the MII. If the
ENDEC is transmitting when a collision is detected, the
collision is not reported until seven bits have been received
while in the collision state. This prevents a collision from
being reported incorrectly due to noise on the network. The
COL signal remains set for the duration of the collision. If the
ENDEC is receiving when a collision is detected, it is reported
immediately (through the COL signal).
When heartbeat is
enabled, approximately 1 ms after the transmission of each
packet, a Signal Quality Error (SQE) signal of approximately
10 bit times is generated (internally) to indicate successful
transmission. SQE is reported as a pulse on the COL signal of
the MII.
Carrier Sense
Carrier Sense (CRS) may be asserted due to receive activity
once valid data is detected via the smart squelch function. For
10 Mb/s Half Duplex operation, CRS is asserted during either
packet transmission or reception. For 10 Mb/s Full Duplex
operation, CRS is asserted only due to receive activity. CRS
is deasserted following an end of packet. In Repeater mode,
CRS is only asserted due to receive activity.
Normal Link Pulse Detection / Generation
The link pulse generator produces pulses as defined in the
IEEE 802.3 10Base-T standard. Each link pulse is nominally
100 ns in duration and is transmitted every 16 ms ± 8 ms, in
the absence of transmit data. Link pulse is used to check the
integrity of the connection with the remote end. If valid link
pulses are not received, the link detector disables the 10Base-
T twisted pair trans-mitter, receiver and collision detection
functions. When the link integrity function is disabled, the
10Base-T transceiver will operate regardless of the presence
of link pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com