Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 36 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 36 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 32Page - VIA Technologies, Inc. VT6103 Datasheet HTML 33Page - VIA Technologies, Inc. VT6103 Datasheet HTML 34Page - VIA Technologies, Inc. VT6103 Datasheet HTML 35Page - VIA Technologies, Inc. VT6103 Datasheet HTML 36Page - VIA Technologies, Inc. VT6103 Datasheet HTML 37Page - VIA Technologies, Inc. VT6103 Datasheet HTML 38Page - VIA Technologies, Inc. VT6103 Datasheet HTML 39Page - VIA Technologies, Inc. VT6103 Datasheet HTML 40Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-30-
Application Schematics
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
A3V3 DECOUPLING
FOR VT6103
D3V3 DECOUPLING
FOR VT6103
AMS1117
AME1117
AIC1117
PJ1117
LM1117
LD1117
RC1117
RN2 for EMI test
Optional
For no WOL function
For WOL function
GTS FC-518LS
PULSE PE-68515
YCL
20PMT04/20PMT04B
To use MAC Phyreset signal
Mount R25
Optional
To use External reset signal
Mount R24 and C31
Optional
Optional
Optional
For WOL function
Remove when not using WOL function
RX+
LINK
RX-
SPEED
MCRS
DUPLEX
MCOL
NWAY
TXD3
TXD2
TXD1
TXD0
TXEN
SD
TXC K
TXER
RXER
RXCK
TD-
RXDV
TD+
TX+
TX-
MDC
-PHYRST2
MDIO
SPEED
DUPLEX
RD+
RD-
RXD3
RXD2
LINK
NWAY
WOL
-PHYRST2
-PHYRST1
RXD0
RXD1
WOL
D3V3
D3V3
A3V3
D3V3
A3V3
5VSB
D3V3
D3V3
D3V3
D3V3
PCIVCC2
3V3AUX
PCIVCC2
A3V3
5VSB
D3V3
R22
330-0603 5%
C36
.1U
R23
330-0603 5%
L1
FB-0805 100MHz@100ohm
C32
.1U
TOP
LED1
1
2
3
4
R11
10K 1%
U4
VT610 3
SSOP48
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
INT#/PHYAD0
LED0/LINK
LED1/SPD100
LED2/DUPLEX
LED3/NWAYEN
PD#
VDDRX
RX-
RX+
SD/FXEN
GNDRX
GNDPLL
REXT
VDDPLL
GNDTXC
TX-
TX+
VDDTX
GNDTX
GNDOSC
XO
XI
VDDOSC
RST#
VDD2
GND2
CRS/RPTR
COL/SYMB
TXD3
TXD2
TXD1
TXD0
TXEN
TXC
TXER
VDDC
GNDC
RXER/ISO
RXC
RXDV/BYPOSC
GND1
VDD1
RXD0/PHYAD4
RXD1/PHYAD3
RXD2/PHYAD2
RXD3/PHYAD1
MDC
MDIO
C31
1u
R17
49.9 1%
R9
49.9 1%
R19
1.50K 1%
C20
0.01u/2KV
U6
AAT1201
8
7
6
5
1
2
3
4
GND2
GND1
EN2V5
2V5OUT
5VSB
5VCC
3V3OUT
3V3AUX
L2
FB-1206 100MHz@52ohm
RN2
22
1
3
5
7
2
4
6
8
C21
0.1u
X1
25MHz
1
2
C18
0.1u
C19
0.1u
C26
0.1u
C23
22p
C24
0.1u
C22
22p
J1
PIN.3
2
3
1
C27
0.1u
C28
0.1u
R18
49.9 1%
C29
0.1u
C30
0.1u
C33
.1U
C37
.1U
R25
0-0603
R10
49.9 1%
R24
10K-0603 5%
U7
AMS1117-3.3
3
2
PAD1
VIN
VOUT1
VOUT2
C35
.1U
CN1
RJ-45
2
3
4
5
6
7
8
1
R12
6.49K
1%
C34
.1U
R20
10K-0603 5%
R21
10K-0603 5%
U5
GTS FC-518LS
R13
75
+
C25
10uF/16V
R14
75
R15
75
R16
75 1%
C38
.1U
L3
FB-1206 100MHz@52ohm
Figure 5. Application Schematic Example Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com