Electronic Components Datasheet Search
  English  ▼

X  

VT6103 Datasheet(PDF) 14 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 14 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 10Page - VIA Technologies, Inc. VT6103 Datasheet HTML 11Page - VIA Technologies, Inc. VT6103 Datasheet HTML 12Page - VIA Technologies, Inc. VT6103 Datasheet HTML 13Page - VIA Technologies, Inc. VT6103 Datasheet HTML 14Page - VIA Technologies, Inc. VT6103 Datasheet HTML 15Page - VIA Technologies, Inc. VT6103 Datasheet HTML 16Page - VIA Technologies, Inc. VT6103 Datasheet HTML 17Page - VIA Technologies, Inc. VT6103 Datasheet HTML 18Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-8-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Table 4. Register Bit Summary – Registers Defined by 802.3u
Bit
Register 0
Register 1
Register 2 Register3 Register4 Register 5
Register 6
Register 7
Register 8
15
Reset
Cap 100T4
Next Pg
LP Next Pg
Next Page
LP NxtPg
14
Loop Back
Cap Tx100F
Ack
LP Ack
Ack1
LP Ack1
13
Speed
Cap Tx100H
Rem Flt
LP Rem Flt
Msg Page
LP MP
12
Aneg Ena
Cap Tx10F
OUI (lsb)
–
–
Ack2
LP Ack2
11
Power Down
Cap Tx10H
–
–
Toggle
LP Toggle
10
Isolate
Cap 100T2F
Pause
LP Pause
–
9
Aneg Restart
Cap 100T2H
100T4
LP 100T4
8
Duplex
Extd Status
OUI (msb)
Tx100F
LP Tx100F
Link
7
COL Test
–
Part
Tx100H LP Tx100H
Message
Partner
6
Cap Supr
Number
Tx10F
LP Tx10F
Code Field
Message
5
Aneg Complete
Tx10H
LP Tx10H
or
Code Field
4
Remote Fault
Parallel Fault Det Unformatted
or
3
–
Cap Aneg
Link
LP Cap Next Pg
Code Field Unformatted
2
Link Status
Revision
Selector
Partner
Cap Next Page
Code Field
1
Jabber Detect
Number
Field
Selector
Aneg Page Rcvd
0
Extd Reg
Field
LP Cap Aneg
Table 5. Register Bit Summary - Vendor Defined Registers
Bit
Register 16 Register 17 Register 18
Register 19
Register 20
Rx21
Rx22
Rx23 26-31
15
Jabber Det
Byp Scram
Mask Interrupt
Polarity Invert
14
PHY
SQE Detect
Byp4B5B
MaskLinkUpInt
Link Up Status
13
Address
Pol Correct
Byp Align
Mask Link Fail Int
Link Fail Status
12
FarEndFault
Byp NRZI
Mask Link Change Int
Link Status
11
ChangeSeed LostSyncEna Mask Aneg Compete Int
Aneg Comp Status
10
Fiber Mode
LostSyncSel
Mask Page Rcvd Int
Page Rcvd Status
9
Cable Type
Mask Jabber Int
Jabber Status
Link Receive False Used
8
Force Link
Mask Rcvd Code Err Int
Rcvd Code Err Status
Fail
Error Carrier For
7
10LoSquSel
Mask Bad SSD Int
Bad SSD Status
Count Count
Count Test
6
Repeater
Mask Bad ESD Int
Bad ESD Status
5
LED
Seed
–
Mask SQE Err Int
SQE Err Status
4
Select
Mask LnkFail MaxCnt Int LnkFail MaxCnt Status
3
Int Select
Mask Rx Err MaxCnt Int Rx Err MaxCnt Status
2
Symbol
Mask FalCarr MaxCnt Int FalseCarr MaxCnt Stat
1
–
–
Speed
0
–
–
Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com