Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
APPLICATION WAKE-UP FROM THE 33742
When the application is in Stop mode, it can be awakened
from the SBC side. When a wake-up condition is detected by
the SBC (for example, CAN, wake-up input), the 33742
enters the Normal Request mode and generates an interrupt
pulse at the INT pin.
APPLICATION WAKE-UP FROM THE MCU
When the device is in the Stop mode, a wake-up event
may come from the system MCU. In this case the MCU
selects the device the using a LOW-to-HIGH transition on the
33742 CS pin. Then the 33742S goes into Normal Request
mode and generates an interrupt pulse at the INT pin.
STOP MODE CURRENT MONITOR
If the VDD output current exceeds an internal set threshold
(IDDS-WU), the SBC automatically enters the Normal Request
mode and generates an interrupt at the INT pin. The interrupt
is a non-maskable and the INTR register will have no flag set.
INTERRUPT GENERATION WHEN WAKE-UP
FROM STOP MODE
When the SBC wakes from Stop mode, it first enters the
Normal Request mode before generating a 10
µs typical
pulse on the INT pin. These are non-maskable interrupts with
the wake-up event read through the SPI registers, the
CANWU bit in the CAN Register (CANR), or the LCTRx bit in
the Wake-Up Register (WUR). In case of wake-up from Stop
mode overcurrent situation or from forced wake-up, no bits
are set. After the INT pulse, the 33742 accepts SPI command
after a time delay (tS-1STSPI).
WATCHDOG SOFTWARE IN STOP MODE
If the SBC watchdog is enabled, the application must
provide a “system ok” response before the end of the 33742
watchdog time. Typically an MCU initiates the wake-up of the
33742 through the SPI wake-up (CS activation). The SBC will
awaken and jump into the Normal Request mode. The MCU
has to configure the 33742 to go to either Normal or Standby
mode. The MCU can then decide to return to the Stop mode.
If no MCU wake-up occurs within the watchdog time
period, the SBC activates the RST pin and jumps into the
Normal Request mode. The MCU can then be re-initialized.
STOP MODE ENTER COMMAND
Stop mode is entered at the end of the SPI message at the
rising edge of the CS. (Refer to the t CS-STOP data in the
Dynamic Electrical Characteristics table on page 17.) Once
Stop mode is entered, the SBC can wake up from a VDD
regulator overcurrent detection state. In order to allow time
for the MCU to complete the last CPU instruction and enter
its low power mode, a deglitcher time of 40
µs typical is
implemented.
Figure 11, page 27, depicts the operation of entering the
Stop mode.
Stop
VDD: ON
(Limited Current
Capability),
V2: OFF,
HS:OFF or Cyclic Sense
CAN, SPI, L0:L3,
Cyclic Sense,
Forced Wake-Up,
IDD Overcurrent (39)
Normally HIGH.
Active LOW if WDOG
(40)
or VDD undervoltage
occurs
Signal 33742S
wake-up and
IDD > IDDS-WU
(not maskable)
Running if
enabled.
Not running if
disabled
Low power.
Wake-up capability
if enabled
Sleep
VDD: OFF,
V2: OFF,
HS: OFF or Cyclic
CAN, SPI,
L0:L3, Cyclic Sense
Forced Wake-Up
LOW
Not Active
Not running
Low power.
Wake-up capability
if enabled
Normal
Debug (38)
Same as Normal
–
Normally HIGH.
Active LOW if VDD
undervoltage occurs
Same as Normal
Not running
Same as Normal
Standby
Debug (38)
Same as Standby
–
Normally HIGH.
Active LOW if VDD
undervoltage occurs
Same as Standby Not running
Same as Standby
Stop
Debug (38)
Same as Stop
Same as Stop
Normally HIGH.
Active LOW if VDD
undervoltage occurs
Same as Stop
Not running
Same as Stop
Flash
Programming
Forced externally
–
Not operating
Not operating
Not operating
Not operating
Notes
38.
Mode entered via special sequence described under the heading Debug Mode: Hardware and Software Debug with the 33742 beginning
on page 30.
39.
IDD overcurrent always enabled.
40.
WDOG if enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com