Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
33742
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 28. Window Watchdog
Figure 29. Timeout Watchdog
Table 31. TIM1 Control Bits
WDW
WDT1
WDT0
Timing (ms typ)
Parameter
Description
0
0
0
9.75
Watchdog Period 1
No Window Watchdog
0
0
1
45
Watchdog Period 2
0
1
0
100
Watchdog Period 3
0
1
1
350
Watchdog Period 4
1
0
0
9.75
Watchdog Period 1
Watchdog Window enabled
(Window length is half the
Watchdog Timing).
1
0
1
45
Watchdog Period 2
1
1
0
100
Watchdog Period 3
1
1
1
350
Watchdog Period 4
Watchdog Timing x 50%
Watchdog Timing x 50%
Watchdog Period
(Watchdog Timing Selected by TIM1 Bit WDW =1)
Window Closed
No Watchdog Clear Allowed
Window Open for Watchdog Clear
Watchdog Period
(Watchdog Timing Selected by TIM1 Bit WDW = 0)
Window Open for Watchdog Clear
Table 32. Timing Register Status Bits
Name
Logic
Failure Description
CANL2VDD
0
No CANL short to VDD.
1
CANL short to VDD.
CANL2BAT
0
No CANL short to VSUP.
1
CANL short to VSUP.
CANL2GND
0
No CANL short to GND.
1
CANL short to GND.
TXPD
0
No TXD dominant.
1
TXD dominant.
Table 33. TIM2 Timing and CANL Failure Diagnostic Register
TIM2
R/W
D3
D2
D1
D0
$101b
W
1
CSP2
CSP1
CSP0
R
CANL2VDD
CANL2BAT
CANL2GND
TXPD
Reset Value
–
–
0
0
0
Reset Condition (Write) (61)
–
–
POR, RESET
POR, RESET
POR, RESET
Notes
61.
See Table 13, page 42, for definitions of reset conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com