Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
CAN SLEEP MODE
The 33742 offers two CAN Sleep modes:
• Sleep mode with CAN wake-up enable: detection of
incoming CAN message and SBC wake-up.
• Sleep mode with CAN wake-up disable: no detection of
incoming CAN message.
The CAN Sleep modes are set via the CAN SPI register.
In CAN Sleep mode (with wake-up enable or disable), the
CAN interface is internally supplied from the VSUP pin. The
voltage at V2 pin can be either 5.0 V or turned off. When the
CAN is in Sleep mode, the current sourced from V2 is
extremely low. In most cases the V2 voltage is off; however,
the CAN can be placed into Sleep mode even with 5.0 V
applied on V2.
In CAN Sleep mode, the CANH and CANL drivers are
disabled, and the receiver is also disabled. CANH and CANL
are high-impedance mode to ground.
CAN SIGNALS IN TXRX AND SLEEP MODES
When the CAN interface is set back into TXRX mode by an
SPI command, CAN H and CANL are set in recessive level.
This is illustrated in Figure 21.
Table 10. CAN Interface/33742 Modes and Pin Status—Operation without Ballast on V2 (45)
Mode
CAN Mode
(Controlled by SPI)
V2 Voltage
TXD Pin
RXD Pin
CANH/CANL
(Disconnected from
Other Node)
CAN
Communication
Unpowered
–
0.0 V
LOW
LOW
Floating to GND
NO
Reset (with Ballast)
–
0.0 V
LOW
LOW
Floating to GND
NO
Normal Request
without Ballast.
V2 Connected to
VDD
–
5.0 V
LOW
5.0 V
Floating to GND
NO
Standby without
External Ballast,.
V2 connected to VDD
Normal or Sleep
5.0 V
0.0 V
5.0 V
Floating to GND
NO
Normal without
External Ballast.
V2 Connected to
VDD
Normal
Slew Rate 0, 1, 2,3
5.0 V
5.0 V
5.0 V
Bus Recessive
CANH = CANL = 2.5 V
YES
Normal without
External Ballast,.
V2 Connected to
VDD
Sleep
5.0 V
0.0 V
5.0 V
Floating to GND
NO
Sleep
Sleep
0.0 V
LOW
LOW
Floating to GND
NO.
Wake-up if enabled
Stop
Sleep
0.0 V
LOW
LOW
Floating to GND
NO.
Wake-up if enabled
Notes
45.
See also Figure 36, page 55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com