Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUT PIN (HS)
Driver Output ON Resistance
TA = 25°C, IOUT - 150 mA, VSUP > 9.0 V
TA = 125°C, IOUT - 150 mA, VSUP > 9.0 V
TA = 125°C, IOUT - 120 mA, 5.5 V < VSUP < 9.0 V
RDS(ON)
—
—
—
2.0
—
3.5
2.5
4.5
5.5
Ω
Output Current Limitation
VSUP - VHS > 1.0 V
ILIM
160
—
500
mA
HS Thermal Shutdown
TSD
155
—
190
°C
HS Leakage Current
ILEAK
—
—
10
µA
Output Clamp Voltage
IOUT = -10 mA, No Inductive Load Drive Capability
VCL
-1.5
—
-0.3
V
INPUT PINS (L0, L1, L2, AND L3)
Low-Voltage Detection Threshold
5.5 V < VSUP < 6.0 V
6.0 V < VSUP < 18 V
18 V < VSUP < 27 V
VTHL
2.0
2.5
2.7
2.5
3.0
3.2
3.0
3.6
3.7
V
High-Voltage Detection Threshold
5.5 V < VSUP < 6.0 V
6.0 V < VSUP < 18 V
18 V < VSUP < 27 V
VTHH
2.7
3.0
3.5
3.3
4.0
4.2
3.8
4.6
4.7
V
Hysteresis
5.5 V < VSUP < 27 V
VHYS
0.6
—
1.3
V
Input Current
-0.2 V < VIN < 40 V
IIN
-10
—
10
µA
CAN TRANSCEIVER CURRENT
Supply Current of CAN Module
CAN in Normal Mode, Bus Recessive State
CAN in Normal Mode, Bus Dominant State without Bus Load
CAN in Sleep State, Wake-Up Enabled, V2 Regulator OFF
CAN in Sleep State, Wake-Up Disabled, V2 Regulator OFF (25)
IRES
IDOM
ICAN-SLEEP
IDIS
—
—
—
—
1.3
1.5
12
—
3.0
3.5
24
1.0
mA
mA
µA
µA
Notes
25.
Guaranteed by design; it is not production tested.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com