Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 21. CAN Signals in TXRX and Sleep Modes
CAN IN SLEEP MODE WITH WAKE-UP ENABLE
When the CAN interface is in Sleep mode with wake-up
enable, the CAN bus traffic is detected. The CAN bus wake-
up is a pattern wake-up.
PATTERN WAKE-UP
In order to wake up the CAN interface, the following criteria
must be fulfilled:
• The CAN interface wake-up receiver must receive a series
of three consecutive valid dominant pulses, each of which
must be longer than 500 ns and shorter than 500
µs.
• The distance between 2 pulses must be lower than 500
µs.
• The three pulses must occur within a time frame of 1.0 ms.
The pattern wake-up of the 33742 CAN interface allow
wake-up by any CAN message content.
Figure 22 below illustrates the CAN signals during a CAN
bus Sleep state and wake-up sequence.
Figure 22. CAN Bus Signal During Can Sleep State and Wake-Up Sequence
CANL
CANH
TXD
RXD
Ground
2.5 V
CANL Dominant
CANH Dominant
CANL/CANH Recessive
CAN in TXRX Mode
CAN in Sleep Mode
(Wake-Up Enable or Disable)
CAN in TXRX Mode
(Controlled by SPI Command)
CANL
CANH
TXD
RXD
Ground
2.5 V
CANL Dominant
CANH Dominant
CANL/CANH Recessive
CAN in TXRX Mode
CAN in Sleep Mode (Wake-Up Enable)
Incoming CAN Message
CANL Dominant
CANH Dominant
CANL Dominant
CANH Dominant
CANL Dominant
CANH Dominant
WU Receiver
Internal Wake-Up Signal
Min 500 ns
Max 500
µs
CAN Bus Sleep State
Pulse # 1
Pulse # 2
Pulse # 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com