Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
INPUT PIN (VSUP) (CONTINUED)
Supply Current in Stop Mode (14)
(IOUT at VDD < 2.0 mA, VDD ON, VSUP < 13.5 V, Oscillator Not Running,
CAN in Sleep Mode with Wake-Up Enabled) (15)
TA = -40°C
TA = 25°C
TA = 125°C
ISUP(STOP-WE)
—
—
—
100
92
80
—
—
—
µA
BATFAIL Flag Internal Threshold
VBF
1.5
3.0
4.0
V
BATFAIL Flag Hysteresis (16)
VBF(HYS)
—
1.0
—
V
Battery Fall Early Warning Threshold
In Normal and Standby Modes
VBF(EW)
5.3
5.8
6.3
V
Battery Fall Early Warning Hysteresis
In Normal and Standby Modes (16)
VBF(EW-HYST)
0.1
0.2
0.3
V
OUTPUT PIN (VDD) (17)
VDD Output Voltage (2.0 mA < IV1 < 200 mA)
5.5 V < VSUP < 27 V
4.5 V < VSUP < 5.5 V
VDDOUT
4.9
4.0
5.0
—
5.1
—
V
Dropout Voltage
IDD = 200 mA
VDDDRP1
—
0.2
0.5
V
Dropout Voltage, Limited Output Current and Low VSUP
IDD = 50 mA, 4.5 V < VSUP
VDDDRP2
—
0.1
0.25
V
Output Current
Internally Limited
IDD
200
285
350
mA
Thermal Shutdown (Junction)
Normal or Standby Mode
TSD
160
—
200
°C
Overtemperature Pre-Warning (Junction)
VDDTEMP Bit Set
TPW
125
—
160
°C
Notes
14.
Current measured at VSUP pin.
15.
Oscillator not running means none of the following functions are active: Forced Wake-Up and Cyclic Sense and Software Watchdog in
Stop mode.
16.
Guaranteed by design; it is not production tested.
17.
IDD is the total regulator output current. V1 specification with external capacitor. Stability requirement: Capacitance > 47 µF, ESR < 1.3 Ω
(tantalum capacitor). In Reset, Normal Request, Normal and Standby modes. Measures with capacitance = 47
µF tantalum.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com