Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33742
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
STATE MACHINE TIMING (CS, SCLK, MOSI, MISO, WDOG, INT) (CONTINUED)
Normal Request Mode Timeout
Normal Request Mode
tNRTOUT
308
350
392
ms
Watchdog Period Stop Mode
Period 1
Period 2
Period 3
Period 4
tWD-STOP
6.82
31.5
70
245
9.75
45
100
350
12.7
58.5
130
455
ms
Watchdog Period Accuracy
Normal and Standby Modes
Stop Mode
tACC
-12
-30
—
—
12
30
%
Cyclic Sense/FWU Timing Sleep and Stop Modes
Timing 1
Timing 2
Timing 3
Timing 4
Timing 5
Timing 6
Timing 7
Timing 8
tCSFWU
3.22
6.47
12.9
25.9
51.8
66.8
134
271
4.6
9.25
18.5
37
74
95.5
191
388
5.98
12
24
48.1
96.2
124
248
504
ms
Cyclic Sense ON Time
Sleep and Stop Modes.
tON
200
350
500
µs
Cyclic Sense/FWU Timing Accuracy
Sleep and Stop Modes
tACC
-30
—
30
%
Delay Between SPI Command and HS Turn ON (32)
Normal or Standby Mode, VSUP > 9.0 V
tS-HSON
—
—
22
µs
Delay Between SPI Command and HS Turn OFF (32)
Normal or Standby Mode, VSUP > 9.0 V
tS-HSOFF
—
—
22
µs
Delay Between SPI and V2 Turn ON (32)
Standby Mode
tS-V2ON
9.0
—
22
µs
Delay Between SPI and V2 Turn OFF (32)
Normal Mode
tS-V2OFF
9.0
—
22
µs
Delay Between Normal Request and Normal Mode After Watchdog Trigger
Command (32)
Normal Request Mode
tS-NR2N
15
35
70
µs
Notes
32.
Delay starts at falling edge of clock cycle #8 of the SPI command and start of “Turn ON” or “Turn OFF” of HS or V2.
Table 6. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com