Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
47
33742
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
TIMING REGISTER (TIM1/2)
Tables 30 through 34 contain the Timing Register information. The TIM register is composed of two sub registers:
•TIM1—Controls the watchdog timing selection as well as either the watchdog window or the watchdog time-out option
(Figure 28 and Figure 29, respectively). TIM1 is selected when bit D3 is 0 (Table 30). Watchdog timing characteristics are
described in Table 31.
•TIM2—Selects an appropriate timing for sensing the wake-up circuitry or cyclically supplying devices by switching the HS on
or off. TIM2 is selected when bit D3 is 1 (Table 32). Figure 30, page 49, describes HS operation when cyclic sense is selected
Cyclic sense timing characteristics are described in Table 34, page 49.
Both subregisters also report the CANL and TXD diagnostics.
Table 28. Wake-Up Register Control Bits
LCTR3
LCTR2
LCTR1
LCTR0
L0 L1:L1 L2 Config
L2 L3:L3 L4 Config
x
x
0
0
Inputs Disabled
–
x
x
0
1
High Level Sensitive
x
x
1
0
Low Level Sensitive
x
x
1
1
Both Level Sensitive
0
0
x
x
–
Inputs Disabled
0
1
x
x
High Level Sensitive
1
0
x
x
Low Level Sensitive
1
1
x
x
Both Level Sensitive
x = Don’t care.
Table 29. Wake-Up Register Status Bits (59)
Name
Logic
Description
L3WU
0 or 1
If bit = 1, wake-up occurred from Sleep or Stop modes; if bit = 0, no wake-up has
occurred.
When device is in Normal or Standby mode, bit reports the State on Lx pin (LOW
or HIGH) (0 = Lx LOW, 1 = Lx HIGH)
L2WU
0 or 1
L1WU
0 or 1
L0WU
0 or 1
Notes
59.
WUR status bits have two functions. After SBC wake-up, they indicate the wake up source; for example, L2WU set at logic [1] if wake-
up source is L2 input. After SBC wake-up and once the WUR register has been read, status bits indicate the real-time state of the Lx
inputs (1 = Lx is above threshold, 0 = Lx input is below threshold). If after a wake-up from Lx input a watchdog tomato occurs before the
first reading of the WUR register, the LxWU bits are reset. This can occur only if the SBC was in Stop mode.
Table 30. TIM1 Timing and CANL Failure Diagnostic Register
TIM1
R/W
D3
D2
D1
D0
$101b
W
0
WDW
WDT1
WDT0
R
CANL2VDD
CANL2BAT
CANL2GND
TXPD
Reset Value
–
–
0
0
0
Reset Condition
(Write) (60)
–
–
POR, RESET
POR, RESET
POR, RESET
Notes
60.
See Table 13, page 42, for definitions of reset conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com