Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 65Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
Analog Integrated Circuit Device Data
64
Freescale Semiconductor
33742
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
3.0
2/2006
• Converted to Freescale format
• Implemented Revision History page
4.0
6/2006
• Added Thermal Addendum (Rev. 1.0)
• Changed Data Sheet from “Advanced” to “Final”
5.0
8/2006
• Added MCZ33742EG/R2 and MCZ33742SEG/R2 to the Ordering Information block
6.0
8/2006
• Replaced label for Logic Inputs to Logic Signals (RXD, TXD, MOSI, MISO, CS, SCLK, RST,
WDOG, and INT) on page 7
7.0
10/2006
• Removed all references to the 54 pin package.
• Removed Peak Package Reflow Temperature During Reflow (solder reflow) parameter from
Maximum Ratings on page 7. Added note with instructions from www.freescale.com.
8.0
2/2007
• Restated notes in Maximum Ratings on page 7
9.0
3/2007
• Text corrections to the included thermal addendum
10.0
5/2007
• Added 48 pin QFN package, Part Number PCZ33742EP/R2, and Outline Package drawing
Number 98ARH99048A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com