Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 20. CAN Interface Levels
TXD AND RXD PINS
The TXD pin has an internal pullup to V2. The state of TXD
depends on the V2 status. RXD is a push-pull structure,
supplied by V2. When V2 is set at 5.0 V and CAN is TXRX
mode, RXD reports bus status. For details, refer to Table 7,
page 25, Table 9, below, and Table 10, page 35.
CAN TXRX MODE AND SLEW RATE SELECTION
The slew rate selection is done via CAN register (refer to
Tables 21 through 23 on page 45). Four slew rates are
available and control the recessive-to-dominant and
dominant-to-recessive transitions. The delay time from TXD
pin to CAN bus, from CAN bus to RXD, and from the TXD to
RXD loop time is affected by the slew rate selection.
CANH
TXD
RXD
Typ 2.5 V
CANL
CAN Recessive State
CAN Dominant State
CAN Recessive State
Typ 2.5 V
VCANH-VCANL > 900 mV
VCANH-VCANL < 500 mV
Table 9. CAN Interface/33742S Modes and Pin Status—Operation with Ballast on V2 (44)
Mode
CAN Mode
(Controlled by SPI)
V2 Voltage
TXD Pin
RXD Pin
CANH/CANL
(Disconnected from
Other Node)
CAN
Communication
Unpowered
–
0.0 V
LOW
LOW
Floating to GND
NO
Reset (with Ballast)
–
0.0 V
LOW
LOW
Floating to GND
NO
Normal Request
(with Ballast)
–
0.0 V
LOW
LOW
Floating to GND
NO
Normal
Sleep
5.0 V
0.0 V
5.0 V
Floating to GND
NO
Normal
Normal
Slew Rate 0, 1, 2, 3
5.0 V
Internal Pullup
to V2
Report Bus State
HIGH if Bus
Recessive,
LOW if dominant
Bus Recessive
CANH = CANL = 2.5 V
YES
Standby with
External Ballast
Normal or Sleep
0.0 V
LOW
LOW
Floating to GND
NO
Sleep
Sleep
0.0 V
LOW
LOW
Floating to GND
NO.
Wake-up if enabled
Stop
Sleep
0.0 V
LOW
LOW
Floating to GND
NO.
Wake-up if enabled
Notes
44.
See also Figure 31, page 52.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com