Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
PINS (CANH AND CANL)
Bus Pin Common Mode Voltage
VCM
-27
—
40
V
Differential Input Voltage (Common Mode Between -3.0 V and 7.0 V)
Recessive State at RXD
Dominant State at RXD
VCANH- VCANL
—
900
—
—
500
—
mV
Differential Input Hysteresis (RXD)
VHYS
100
—
—
mV
Input Resistance
RIN
5.0
—
100
k
Ω
Differential Input Resistance
RIND
10
—
100
k
Ω
CANH Output Voltage
TXD Dominant State
TXD Recessive State
VCANH
2.75
—
—
—
4.5
3.0
V
CANL Output Voltage
TXD Dominant State
TXD Recessive State
VCANL
0.5
2.0
—
—
2.25
—
V
Differential Output Voltage
TXD Dominant State
TXD Recessive State
VoH-VoL
1.5
—
—
—
3.0
100
V
mV
Output Current Capability (Dominant State)
CANH
CANL
ICANH
ICANL
—
35
—
—
-35
—
mA
Overtemperature Shutdown
TSD
160
180
—
°C
CANL Overcurrent Detection (26)
CANL
CANH
ICANL/OC
ICANH/OC
60
-200
—
—
200
-60
mA
CANH and CANL Input Current, Device Supplied
(CAN Sleep Mode with CAN Wake-Up Enabled or Disabled)
VCANH, VCANL from 0 V to 5.0 V
VCANH, VCANL = -2.0 V
VCANH, VCANL = 7.0 V
ICAN1
—
-60
—
3.0
-50
60
10
—
75
µA
CANH and CANL Input Current, Device Unsupplied
VCANH, VCANL = 2.5 V
VCANH, VCANL = -2.0 V
VCANH, VCANL = 7.0 V
ICAN2
—
-60
—
40
-50
190
100
—
240
µA
Notes
26.
Reported in CAN register. For a description of the contents of the CAN register, refer to CAN Register (CAN) on page 44
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com