| Electronic Components Datasheet Search |
|
ADATE207 Datasheet(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADATE207 Datasheet(HTML) 33 Page - Analog Devices |
|
33 / 36 page ![]() ADATE207 Rev. 0 | Page 33 of 36 Position Description Reset State Bit 10 Channel 2 Timing Error. This indicates that the channel had a timing error. This signal is the Logic OR of the timing error flags of the channel. More details of the error can be found by reading the error flags for Channel 2. 0x0 Bit 09 Channel 1 Timing Error. This indicates that the channel had a timing error. This signal is the Logic OR of the timing error flags of the channel. More details of the error can be found by reading the error flags for Channel 1. 0x0 Bit 08 Channel 0 Timing Error. This indicates that the channel had a timing error. This signal is the Logic OR of the timing error flags of the channel. More details of the error can be found by reading the error flags for Channel 0. 0x0 Bit 07 Channel 3 High Comparator Output. This indicates the state of the high comparator. When high, the DUT logic output is higher than the VOH. When low, the DUT output is lower than the VOH. Undefined Bit 06 Channel 3 Low Comparator Output. This indicates the state of the low comparator. When low, the DUT logic output is lower than the VOL. When high, the DUT output is higher than the VOL. Undefined Bit 05 Channel 2 High Comparator Output. This indicates the state of the high comparator. When high, the DUT logic output is higher than the VOH. When low, the DUT output is lower than the VOH. Undefined Bit 04 Channel 2 Low Comparator Output. This indicates the state of the low comparator. When low, the DUT logic output is lower than the VOL When high, the DUT output is higher than the VOL. Undefined Bit 03 Channel 1 High Comparator Output. This indicates the state of the high comparator. When high, the DUT logic output is higher than the VOH. When low, the DUT output is lower than the VOH. Undefined Bit 02 Channel 1 Low Comparator Output. This indicates the state of the low comparator. When low, the DUT logic output is lower than the VOL When high, the DUT output is higher than the VOL. Undefined Bit 01 Channel 0 High Comparator Output. This indicates the state of the high comparator. When high, the DUT logic output is higher than the VOH. When low, the DUT output is lower than the VOH. Undefined Bit 00 Channel 0 Low Comparator Output. This indicates the state of the low comparator. When low, the DUT logic output is lower than the VOL. When high, the DUT output is higher than the VOL. Undefined Name: Chip Information Address: 0x1F Type: Read Table 39. Chip Information Position Description Reset State Bits[15:00] Reserved. N/A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |