Electronic Components Datasheet Search
  English  ▼

X  

ADATE207 Datasheet(PDF) 25 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 21Page - Analog Devices ADATE207 Datasheet HTML 22Page - Analog Devices ADATE207 Datasheet HTML 23Page - Analog Devices ADATE207 Datasheet HTML 24Page - Analog Devices ADATE207 Datasheet HTML 25Page - Analog Devices ADATE207 Datasheet HTML 26Page - Analog Devices ADATE207 Datasheet HTML 27Page - Analog Devices ADATE207 Datasheet HTML 28Page - Analog Devices ADATE207 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ADATE207
Rev. 0 | Page 25 of 36
Name:
Waveform D0 Vernier Delay and Action
Address:
0x06
Type:
Read/Write
Table 20. Waveform D0 Vernier Delay and Action
Position
Description
Reset State
Bits[15:10]
D0 Vernier Delay. The vernier delay is represented in binary by the equation, vvvvvv × (2.5 ns/64).
Undefined
Bits[09:04]
Not Used.
0x00
Bits[03:00]
D0 Action. A binary encoded data field.
Undefined
0x0 = no action.
0x1 = drive low.
0x2 = drive high.
0x3 = force off.
0x4 = force on.
0x5 = force down.
0x6 = force up.
0x7 = edge compare low.
0x8 = edge compare high.
0x9 = edge compare off.
0xA = edge compare valid.
0xB = open window low.
0xC = open window high.
0xD = open window high-Z.
0xE = open window valid.
0xF = compare unknown.
Name:
Waveform D0 Vernier Delay and Action
Address:
0x07
Type:
Read/Write
Table 21. Waveform D0 Course Delay
Position
Description
Reset State
Bits[15:00]
D0 Course Delay. Number of 2.5 ns clock periods to count. When this count is completed, the vernier
delay (defined by the D0 vernier value programmed into the Waveform D0 vernier delay and action
register) is added to the D0 course delay to place an edge in time. Waveform D0 vernier delay and
action must be written immediately before this register for the waveform memory to be written
correctly.
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com