Electronic Components Datasheet Search
  English  ▼

X  

ADATE207 Datasheet(PDF) 29 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 25Page - Analog Devices ADATE207 Datasheet HTML 26Page - Analog Devices ADATE207 Datasheet HTML 27Page - Analog Devices ADATE207 Datasheet HTML 28Page - Analog Devices ADATE207 Datasheet HTML 29Page - Analog Devices ADATE207 Datasheet HTML 30Page - Analog Devices ADATE207 Datasheet HTML 31Page - Analog Devices ADATE207 Datasheet HTML 32Page - Analog Devices ADATE207 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADATE207
Rev. 0 | Page 29 of 36
Name:
Calibration Memory D1
Address:
0x0F
Type:
Read/Write
Table 29. Calibration Memory D1
Position
Description
Reset State
Bits[15:08]
Not Used.
0x000
Bits[07:00]
D1 Calibration Constant (CCCCCCCC). The calibration delay is represented in binary by the equation
CCCCCCCC × (2.5 ns/64)
Undefined
Name:
Calibration Memory D2
Address:
0x10
Type:
Read/Write
Table 30. Calibration Memory D2
Position
Description
Reset State
Bits[15:08]
Not Used.
0x000
Bits[07:00]
D2 Calibration Constant (CCCCCCCC). The calibration delay is represented in binary by the equation
CCCCCCCC × (2.5 ns/64)
Undefined
Name:
Calibration Memory D2
Address:
0x11
Type:
Read/Write
Table 31. Calibration Memory D3
Position
Description
Reset State
Bits[15:08]
Not Used.
0x000
Bits[07:00]
D3 Calibration Constant (CCCCCCCC). The calibration delay is represented in binary by the equation
CCCCCCCC × (2.5 ns/64).
Undefined
DUT Data Selection
Name:
DUT Data Selection
Address:
0x12
Type:
Read/Write
Table 32. DUT Data Selection
Position
Description
Reset State
Bit 15
Not Used.
0
Bits[14:12]
PAT_DUTDATA3 Select. A binary encoded data field that selects which edge and which comparator
to drive out of the ADATE207 PAT_DUTDATAx[3] pin.
0x00
0x0 = Edge D0 low comparator.
0x1 = Edge D0 high comparator.
0x2 = Edge D1 low comparator.
0x3 = Edge D1 high comparator.
0x4 = Edge D2 low comparator.
0x5 = Edge D2 high comparator.
0x6 = Edge D3 low comparator.
0x7 = Edge D3 high comparator.
Bit 11
Not Used.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com