Electronic Components Datasheet Search
  English  ▼

X  

ADATE207 Datasheet(PDF) 27 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 23Page - Analog Devices ADATE207 Datasheet HTML 24Page - Analog Devices ADATE207 Datasheet HTML 25Page - Analog Devices ADATE207 Datasheet HTML 26Page - Analog Devices ADATE207 Datasheet HTML 27Page - Analog Devices ADATE207 Datasheet HTML 28Page - Analog Devices ADATE207 Datasheet HTML 29Page - Analog Devices ADATE207 Datasheet HTML 30Page - Analog Devices ADATE207 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADATE207
Rev. 0 | Page 27 of 36
Name:
Waveform D2 Vernier Delay and Action
Address:
0x0A
Type:
Read/Write
Table 24. Waveform D2 Vernier Delay and Action
Position
Description
Reset State
Bits[15:10]
D2 Vernier Delay: The vernier delay is represented in binary by the equation,
vvvvvv × (2.5 ns/64)
Undefined
Bits[09:04]
Not Used.
0x00
Bits[03:00]
D2 Action. A binary encoded data field.
Undefined
0x0 = no action.
0x1 = drive low.
0x2 = drive high.
0x3 = force off.
0x4 = force on.
0x5 = force down.
0x6 = force up.
0x7 = edge compare low.
0x8 = edge compare high.
0x9 = edge compare off.
0xA = edge compare valid.
0xB = open window low.
0xC = open window high.
0xD = open window high-Z.
0xE = open window valid.
0xF = compare unknown.
Name:
Waveform D2 Course Delay
Address:
0x0B
Type:
Read/Write
Table 25. Waveform D2 Course Delay
Position
Description
Reset State
Bits[15:00]
D2 Course Delay. Number of 2.5 ns clock periods to count.
Undefined
When this count is completed, the vernier delay (defined by the D2 vernier value programmed
into the waveform D2 vernier delay and action register) is added to the D2 course delay to
place an edge in time
Waveform D2 vernier delay and action must be written immediately before this register for the
waveform memory to be correctly written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com