Electronic Components Datasheet Search
  English  ▼

X  

ADATE207 Datasheet(PDF) 31 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 27Page - Analog Devices ADATE207 Datasheet HTML 28Page - Analog Devices ADATE207 Datasheet HTML 29Page - Analog Devices ADATE207 Datasheet HTML 30Page - Analog Devices ADATE207 Datasheet HTML 31Page - Analog Devices ADATE207 Datasheet HTML 32Page - Analog Devices ADATE207 Datasheet HTML 33Page - Analog Devices ADATE207 Datasheet HTML 34Page - Analog Devices ADATE207 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
ADATE207
Rev. 0 | Page 31 of 36
Position
Description
Reset State
Bit 01
Fail Counters Clear.
0x0
Writing a 1 to this bit creates a pulse to clear the fail counters for all channels.
Writing a 0 has no affect.
Bit 00
Soft Reset. Writing this register bit to a Logic 1 causes the ADATE207 to generate a software reset. This
is logically equivalent to a hard reset via the I_RESET_B pin. All logic and registers
are reset.
0x0
Name:
Round Trip Delay Value
Address:
0x1A
Type:
Read/Write
Table 34. Round Trip Delay Value
Position
Description
Reset State
Bits[15:05]
Not Used.
0x000
Bits[4:00]
Round Trip Delay Value. Programs the round-trip delay from the ADATE207 drive to compare pins, in
units of 2.5 ns. The maximum delay is 80 ns (value = 31) and the minimum delay is 2.5 ns (value = 0).
0x0
Name:
T0 Alignment Pipeline Depth
Address:
0x1B
Type:
Read/Write
Table 35. T0 Alignment Pipeline Depth
Position
Description
Reset State
Bits[15:05]
Not Used.
0x000
Bits[04:00]
T0 Alignment Pipeline Depth. This pipeline value matches the edge generation delay for compare
edges thereby correctly aligning compare fails and DUT data to the T0 pipeline. It should be
programmed no higher than 30 and ≥ 10.5+ RTD/4.
0x0
TMU Channel Select
This register selects one of four channels to independently direct to the TMU arm, start, and stop buses.
Name:
TMU Channel Select
Address:
0x1C
Type:
Read/Write
Table 36. TMU Channel Select
Position
Description
Reset State
Bits[15:12]
Not Used.
0x00
Bit 11
TMU Stop Enable. A zero tristates the TMU stop output.
0
Bits[10:08]
TMU Stop, Channel Select Multiplexer. A binary encoded data field.
0x00
0x0 selects Channel 0 comparator high.
0x1 selects Channel 0 comparator low.
0x2 selects Channel 1 comparator high.
0x3 selects Channel 1 comparator low.
0x4 selects Channel 2 comparator high.
0x5 selects Channel 2 comparator low.
0x6 selects Channel 3 comparator high.
0x7 selects Channel 3 comparator low.
Bit 07
TMU Start Enable. A zero tristates the TMU stop output.
0
Bits[06:04]
TMU Start, Channel Select Multiplexer. A binary encoded data field.
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com