Electronic Components Datasheet Search
  English  ▼

X  

ADATE207 Datasheet(PDF) 15 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 11Page - Analog Devices ADATE207 Datasheet HTML 12Page - Analog Devices ADATE207 Datasheet HTML 13Page - Analog Devices ADATE207 Datasheet HTML 14Page - Analog Devices ADATE207 Datasheet HTML 15Page - Analog Devices ADATE207 Datasheet HTML 16Page - Analog Devices ADATE207 Datasheet HTML 17Page - Analog Devices ADATE207 Datasheet HTML 18Page - Analog Devices ADATE207 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ADATE207
Rev. 0 | Page 15 of 36
M
PER_EARLY_T0EN
PER_EARLY_C0EN
MCLK
INPUT DELAY[7:0]
CE
DQ
T0 PIPELINE
M
M
TIMING
GENERATOR
M
Figure 10. INPUT_DELAY Pipeline
Figure 11 shows the timing of PER_EARLY_T0EN and
the associated period delay offset, INPUT_DELAY. The
INPUT_DELAY signal is added to each programmed delay
across all channels. This input delay can change for each
PER_EARLY_T0EN period.
The delay from the pattern inputs to the DUT is four T0
pipeline delays, plus four MCLK pipeline delays, plus
approximately 27.5 ns of analog delay, plus any programmed
delay as shown in Figure 8.
The delay from the pattern inputs to the fail outputs is eight
PER_EARLY_T0EN periods plus the programmed T0
alignment pipeline depth.
DUT CAPTURE
Each compare event can strobe the state of the dual comparators
signals for each pin. These are resynchronized to T0 periods
and output for use in mixed signal capture applications. There
are four DUT capture pins per channel, PAT_DUTDATA_x and
each can be configured to output the high or low comparators
of each of the four possible compare events.
TMU MULTIPLEXER
The ADATE207 supports time measurement via an external
time measurement unit (TMU) in the following configurations:
•
Connect the high comparator output of any pin to
TMU_ARM, TMU_START, or TMU_STOP.
•
Connect the low comparator output of any pin to
TMU_ARM, TMU_START, or TMU_STOP.
The time measurement unit select logic provides time and
frequency measurement capability from the high or low
comparator outputs of any digital pin. To accomplish this
task, independent multiplexers direct the high and low
comparator outputs of the digital pins to the time measurement
unit signals, TMU_ARM, TMU_START, and TMU_STOP. Off-
chip control logic must select the appropriate TMU bus output
signal from the ADATE207 and direct its selection to the TMU.
The TMU outputs are high speed, differential 8 mA drivers and
can be tristated for bus applications.
LOW JITTER CLOCK DRIVER
The ADATE207 has 2-to-1 multiplexers in the DR_DATA_CH3
and DR_DATA_CH2 output drivers to allow an external low
jitter clock signal to drive the DCL. This feature is not available
on the DR_DATA_CH0 and DR_DATA_CH1 outputs.
CLOCK GENERATOR MODE
The ADATE207 incorporates a clock generation mode to allow
it to be used as a programmable clock generator. In this mode, it
is possible for each of the four channels to produce an
independently programmable clock.
To activate this mode, PER_EARLY_T0EN and the
CLKGEN_MD_EN input need to be set high. In this mode,
PAT_DATA_VALID has no effect. The pattern data signals
(PAT_PATDATA_x) are interpreted as period offsets and the
PAT_MASK[x] inputs are used as period start enables. See
Table 11 for details of signal mapping. The use model for this
mode is
•
Program drive high/drive low operations at Address 0 in
the waveform memory. Depending on the delays, the value
per edge, the duty cycle, and the start level can be adjusted
per channel
•
Four different clocks can be controlled by using
PAT_MASK[N] as equivalent period start signals for an
individual Channel N.
•
Skew/insertion delay of the clocks can be adjusted
individually by using I_PAT_PATADATA_N as an
INPUT_DELAY signal for Channel N.
DEVICE RESET
The ADATE207 has an internal PLL and FIFO that require reset
upon power up and changes to the MCLK input. The device has
three reset controls.
•
RESET_B input pin for hard resets.
•
CPU writeable control bit (Bit 00 in Register 0x19) for soft
resets.
•
CPU writeable control bit (Bit 03 in Register 0x19) to reset
errors and internal FIFOs.
MCLK
PER_EARLY_T0EN
INPUT_DELAY[7:0]
DELAY
DELAY
DELAY
Figure 11. Timing Diagram for PER_EARLY_T0EN and INPUT_DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com