Electronic Components Datasheet Search
  English  ▼

X  

ADATE207 Datasheet(PDF) 32 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 28Page - Analog Devices ADATE207 Datasheet HTML 29Page - Analog Devices ADATE207 Datasheet HTML 30Page - Analog Devices ADATE207 Datasheet HTML 31Page - Analog Devices ADATE207 Datasheet HTML 32Page - Analog Devices ADATE207 Datasheet HTML 33Page - Analog Devices ADATE207 Datasheet HTML 34Page - Analog Devices ADATE207 Datasheet HTML 35Page - Analog Devices ADATE207 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADATE207
Rev. 0 | Page 32 of 36
Position
Description
Reset State
0x0 selects Channel 0 comparator high.
0x1 selects Channel 0 comparator low.
0x2 selects Channel 1 comparator high.
0x3 selects Channel 1 comparator low.
0x4 selects Channel 2 comparator high.
0x5 selects Channel 2 comparator low.
0x6 selects Channel 3 comparator high.
0x7 selects Channel 3 comparator low.
Bit 03
TMU Arm Enable. A zero tristates the TMU Stop output.
0
Bits[02:00]
TMU Arm Channel Select Multiplexer. A binary encoded data field.
0x00
0x0 selects Channel 0 comparator high.
0x1 selects Channel 0 comparator low.
0x2 selects Channel 1 comparator high.
0x3 selects Channel 1 comparator low.
0x4 selects Channel 2 comparator high.
0x5 selects Channel 2 comparator low.
0x6 selects Channel 3 comparator high.
0x7 selects Channel 3 comparator low.
Name:
Channel Multiplex Enable
Address:
0x1D
Type:
Read/Write
Table 37. Channel Multiplex Enable
Position
Description
Reset State
Bits[15:02]
Not Used.
0x0000
Bit 01
CH2 Multiplex Enable. This channel can be 2-way multiplexed. Setting this bit to 1 enables Channel 3
to be multiplexed on Channel 2.
0
Bit 00
CH0 Multiplex Enable. This channel can be 2-way multiplexed. Setting this bit to 1 enables Channel 1
to be multiplexed on Channel 0.
0
Name:
Channel Status
Address:
0x1E
Type:
Read
Table 38. Channel Status
Position
Description
Reset State
Bit 15
Channel 3 Failure. This indicates that the channel had a failure. This signal is the Logic OR of the
accumulated fail registers (AFRs) of the channel. More details of the fail can be found by reading the
AFRs or fail counter for Channel 3.
0x0
Bit 14
Channel 2 Failure. This indicates that the channel had a failure. This signal is the Logic OR of the
accumulated fail registers (AFRs) of the channel. More details of the fail can be found by reading the
AFRs or fail counter for Channel 2.
0x0
Bit 13
Channel 1 Failure. This indicates that the channel had a failure. This signal is the Logic OR of the
accumulated fail registers (AFRs) of the channel. More details of the fail can be found by reading the
AFRs or fail counter for Channel 1.
0x0
Bit 12
Channel 0 Failure. This indicates that the channel had a failure. This signal is the Logic OR of the
accumulated fail registers (AFRs) of the channel. More details of the fail can be found by reading the
AFRs or fail counter for Channel 0.
0x0
Bit 11
Channel 3 Timing Error. This indicates that the channel had a timing error. This signal is the Logic OR of
the timing error flags of the channel. More details of the error can be found by reading the error flags
for Channel 3.
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com