Electronic Components Datasheet Search
  English  ▼

X  

ADATE207 Datasheet(PDF) 11 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 7Page - Analog Devices ADATE207 Datasheet HTML 8Page - Analog Devices ADATE207 Datasheet HTML 9Page - Analog Devices ADATE207 Datasheet HTML 10Page - Analog Devices ADATE207 Datasheet HTML 11Page - Analog Devices ADATE207 Datasheet HTML 12Page - Analog Devices ADATE207 Datasheet HTML 13Page - Analog Devices ADATE207 Datasheet HTML 14Page - Analog Devices ADATE207 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADATE207
Rev. 0 | Page 11 of 36
Pin No.
Mnemonic
Input/Output1
Type
Description
Y20 to Y18, Y12, Y11, Y8, Y3 to
Y1, W20, W1, V20, V1, N20, N1,
K20, K1, J20, J1, C20, C1, B20,
B1, A20 to A18, A13, A10, A9
VSS
P
GND
Power, 0.0 V.
W19, W18, W3, W2, V19, V18,
V3, V2, U17, U14, U11, U7, U4,
P17, P4, K17, K4, G17, G4,
D17, D14, D10, D7, D4, C19,
C18, C3, C2, B19, B18, B3, B2
VDD
P
VDD
Power, 2.5 V.
1 A = analog, D = differential, I = input, O = output, P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com